Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
131
POWER MANAGEMENT
POWER MANAGEMENT REGISTERS
The WM8991 has three control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To minimise pop or click noise,
it is important to enable or disable functions in the correct order. See “Pop Suppression Control” for
further details of recommended control sequences.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12
SPK_ENA
(rw)
0b
SPKMIX Mixer, Speaker PGA and Speaker
Output Enable
0 = disabled
1 = enabled
11
OUT3_ENA
(rw)
0b
OUT3 and OUT3MIX Enable
0 = disabled
1 = enabled
10
OUT4_ENA
(rw)
0b
OUT4 and OUT4MIX Enable
0 = disabled
1 = enabled
9
LOUT_ENA
(rw)
0b
LOUT (Left Headphone Output) Enable
0 = disabled
1 = enabled
8
ROUT_ENA
(rw)
0b
ROUT (Right Headphone Output) Enable
0 = disabled
1 = enabled
4
MICBIAS_ENA
(rw)
0b
MICBIAS Enable
0 = OFF (high impedance output)
1 = ON
2:1
VMID_MODE
[1:0]
(rw)
00b
Vmid Divider Enable and Select
00 = Vmid disabled (for OFF mode)
01 = 2 x 50k
Ω divider (Normal mode)
10 = 2 x 250k
Ω divider (Standby mode)
11 = 2 x 5k
Ω divider (for fast start-up)
R1 (1h)
0
VREF_ENA
(rw)
0b
VREF Enable (Bias for all analogue
functions)
0 = VREF bias disabled
1 = VREF bias enabled
15
PLL_ENA
(rw)
0b
PLL Enable
0 = disabled
1 = enabled
14
TSHUT_ENA
(rw)
0b
Thermal Sensor Enable
0 = Thermal sensor disabled
1 = Thermal sensor enabled
13
TSHUT_OPDIS
(rw)
1b
Thermal Shutdown Enable
(Requires thermal sensor to be enabled)
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
11
OPCLK_ENA
(rw)
0b
GPIO Clock Output Enable
0 = disabled
1 = enabled
R2 (02h)
9
AINL_ENA
(rw)
0b
Left Input Path Enable
(Enables AINLMUX, INMIXL, DIFFINL and
RXVOICE input to AINLMUX)
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com