Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
133
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DACR_ENA
(rw)
0b
Right DAC Enable
0 = disabled
1 = enabled
Table 79 Power Management
CHIP RESET AND ID
The device ID can be read back from register 0. Writing to this register will reset the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Reset / ID
15:0
SW_RESET_
CHIP_ID
[15:0]
(rr)
8990h
Writing to this register resets all registers
to their default state.
Reading from this register will indicate
device family ID 8990h.
Table 80 Chip Reset and ID
SAVING POWER AT HIGHER SUPPLY VOLTAGE
The AVDD supply of the WM8991 can operate between 2.7V and 3.6V. By default, all analogue
circuitry on the device is optimized to run at 3.3V. This set-up is also good for all other supply
voltages down to 2.7V. At lower voltages, performance can be improved by increasing the bias
current. If low power operation is preferred the bias current can be left at the default setting. This is
controlled as shown in Table 81.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R51 (33h)
8:7
VSEL [1:0]
11
Analogue Bias Optimisation
00 = Reserved
01 = Bias current optimized for AVDD=2.7V
1X = Bias current optimized for AVDD=3.3V
Table 81 Bias Optimisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com