Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 136 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 136 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 138Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 139Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 140Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
136
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
DIS_LLINE
0b
Discharges LOP and LON outputs via
approx 500
Ω resistor
0 = Not active
1 = Actively discharging LOP and LON
4
DIS_RLINE
0b
Discharges ROP and RON outputs via
approx 500
Ω resistor
0 = Not active
1 = Actively discharging ROP and RON
3
DIS_OUT3
0b
Discharges OUT3 output via approx 500
Ω
resistor
0 = Not active
1 = Actively discharging OUT3
2
DIS_OUT4
0b
Discharges OUT4 output via approx 500
Ω
resistor
0 = Not active
1 = Actively discharging OUT4
1
DIS_LOUT
0b
Discharges LOUT output via approx 500
Ω
resistor
0 = Not active
1 = Actively discharging LOUT
R56 (38h)
Anti-Pop (1)
0
DIS_ROUT
0b
Discharges ROUT output via approx 500
Ω
resistor
0 = Not active
1 = Actively discharging ROUT
Table 85 Output Discharge Control
VMID REFERENCE DISCHARGE CONTROL
The VMID reference can be discharged to AGND through internal resistors. Discharging VMID
ensures that a subsequent start-up procedure commences with a known voltage condition; this is
necessary in order to ensure maximum suppression of audible pops associated with start-up. VMID
is discharged by setting VMIDTOG, as described in Table 86.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R57 (39h)
Anti-Pop (2)
0
VMIDTOG
0b
Connects VMID to ground
0 = Disabled
1 = Enabled
Table 86 VMID Reference Discharge Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com