Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 11Page - Texas Instruments TAS2020 Datasheet HTML 12Page - Texas Instruments TAS2020 Datasheet HTML 13Page - Texas Instruments TAS2020 Datasheet HTML 14Page - Texas Instruments TAS2020 Datasheet HTML 15Page - Texas Instruments TAS2020 Datasheet HTML 16Page - Texas Instruments TAS2020 Datasheet HTML 17Page - Texas Instruments TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
switching, power down analog and digital blocks to maintains no power down pop and finally put the device into
Hardware Shutdown mode. I2C communication is disabled while the SDZ pin is asserted low in this mode.
If configured in SDZ_MODE[1:0] = 01, when the SDZ pin is asserted low the device immediately enters the
hardware shutdown and does not go through any power-down sequencing routine. TI recommends to maintain
that the audio input signal is ramped down to the idle channel before asserting the SDZ pin low in this mode,
device software mute mode can be used to realize this. I2C communication is disabled while the SDZ pin is
asserted low in this mode.
Finally, the device can be configured to Software shutdown mode by setting SDZ_MODE[1:0] = 10. In this mode,
when the SDZ pin is pulled low, the device follows normal power-down sequencing and enter software shutdown
mode. All the device register configuration programmed is retained as is from the state the device is in before the
SDZ pin is pulled low. I2C communication is still available while the SDZ pin is asserted low in this mode.
Table 6-1. Shutdown Control
SDZ_MODE[1:0]
Configuration
00 (default)
Hardware shutdown mode with
power-down sequencing
01
Hardware shutdown mode -
immediate
10
Software shutdown mode (All
register values retained)
11
Reserved
When SDZ_MODE[1:0] is 00 or 10, the device goes through shutdown sequencing and the SDZ pin must be
held low for the entire duration of the shutdown time. The shutdown time is specified in the Power up/down
Time section of the Electrical Characteristics section. When SDZ is released, the device samples relevant
configuration and address pins then enter software shutdown mode.
6.3.1.2 Hardware Config Modes
The TAS2020 device can operate in a Pin control based HW Mode depending on the resistor terminations used
for Select Pin1 to Select Pin5. Pin control based HW Mode behavior of the device is designed to simplify device
configuration without using any software based configurations through I2C communication.
Table 6-2. Select Pin Functionalities
Select Pin Name
Functionality
SEL1
Amplifier gain setting with volume
ramp enable/disable option
SEL2
I2S, TDM, Left justified selection
SEL3
Data valid rising/falling edge
selection
SEL4
Y-bridge threshold configuration
Table 6-3. SEL1 HW Mode configuration
SEL1 Connection
Amplifier Gain
Volume Ramp
Direct Short to GND
Configured through
I2C
Configured through
I2C
1.2kΩ to GND
6dBV
Disabled
1.2kΩ to PVDD
12dBV
Disabled
5kΩ to PVDD
6dBV
Enabled
24kΩ to GND
12dBV
Enabled
Table 6-4. SEL2 HW Mode configuration
SEL2 Connection
Configuration
Direct Short to GND
I2S L or TDM0
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com