Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 53 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 49Page - Texas Instruments TAS2020 Datasheet HTML 50Page - Texas Instruments TAS2020 Datasheet HTML 51Page - Texas Instruments TAS2020 Datasheet HTML 52Page - Texas Instruments TAS2020 Datasheet HTML 53Page - Texas Instruments TAS2020 Datasheet HTML 54Page - Texas Instruments TAS2020 Datasheet HTML 55Page - Texas Instruments TAS2020 Datasheet HTML 56Page - Texas Instruments TAS2020 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
7.3 PAGE 2 Registers
Table 7-47 lists the memory-mapped registers for the PAGE 2 registers. All register offset addresses not listed in
Table 7-47 should be considered as reserved locations and the register contents should not be modified.
Table 7-47. PAGE 2 Registers
Address
Acronym
Description
Section
0h
PAGE
Device Page
Section 7.3.1
Ch
DVC_LEVEL
Digital Volume Control Level
Section 7.3.2
10h
DVC_SLEW_RATE
Digital Volume Control Slew Rate
Section 7.3.3
18h
AUDIO_HPF_N0
Set Audio DC Blocker filter coefficients
Section 7.3.4
1Ch
AUDIO_HPF_N1
Set Audio DC Blocker filter coefficients
Section 7.3.5
20h
AUDIO_HPF_D1
Set Audio DC Blocker filter coefficients
Section 7.3.6
54h
TONE_GEN_CNTRL_01
Tone generator Frequency Control register
Section 7.3.7
58h
TONE_GEN_CNTRL_02
Tone generator Frequency Control register
Section 7.3.8
5Ch
TONE_GEN_CNTRL_03
Tone generator Frequency Control register
Section 7.3.9
60h
TONE_GEN_CNTRL_04
Tone generator Frequency Control register
Section 7.3.10
64h
TONE_GEN_CNTRL_05
Tone generator Frequency Control register
Section 7.3.11
68h
TONE_GEN_CNTRL_06
Tone generator amplitude control register
Section 7.3.12
7.3.1 PAGE Register (Address = 0h) [Reset = 00h]
Return to the Summary Table.
The devices memory map is divided into pages and books. This register sets the page.
Table 7-48. PAGE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
R/W
0h
Sets the device page.
0h = Page 0
1h = Page 1
FFh = Page 255
7.3.2 DVC_LEVEL Register (Address = Ch) [Reset = 400000h]
Return to the Summary Table.
Digital Volume Control Level
Table 7-49. DVC_LEVEL Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DVC_LEVEL[23:0]
R/W
400000h
Addresses 0xC to 0xE are combined. Can be configured using the
PPC3 Software.
7.3.3 DVC_SLEW_RATE Register (Address = 10h) [Reset = 034A51h]
Return to the Summary Table.
Digital Volume Control Slew Rate
Table 7-50. DVC_SLEW_RATE Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DVC_SLEW_RATE[23:0]
R/W
34A51h
Addresses 0x10 to 0x12 are combined. Can be configured using the
PPC3 Software.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com