Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 18 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 14Page - Texas Instruments TAS2020 Datasheet HTML 15Page - Texas Instruments TAS2020 Datasheet HTML 16Page - Texas Instruments TAS2020 Datasheet HTML 17Page - Texas Instruments TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments TAS2020 Datasheet HTML 20Page - Texas Instruments TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
Table 6-9. Noise gate threshold
NG_TH_LVL[2:0]
Configuration
000
-85 dBFs
001
-90 dBFs
010
-95 dBFs
011
-100 dBFs
100 (default)
-105 dBFs
101
-110 dBFs
110
-115 dBFs
111
-120 dBFs
Table 6-10. Noise gate hysteresis timer
NG_HYST_TIMER[1:0]
Configuration
00
10ms
01 (default)
50ms
10
100ms
11
1000ms
6.3.1.4.2 Music Efficiency Mode
When the Music efficiency mode feature is enabled, the device automatically detects low-power signal states
during active playback mode and reduces the overall IQ power consumption to extend the battery life. This
feature is useful for dynamic audio signals with varying signal levels example. Music tracks, voice calls movie
tracks, and so forth.
The device monitors the input audio signal level against the programmed Music efficiency threshold configured
by the MUSIC_EFF_MODE_THR[23:0] register. When the audio signal falls below the threshold, an internal
hysteresis timer is enabled. If the signal level remains below the configured MUSIC_EFF_MODE_THR[23:0] for
the entire duration of the MUSIC_EFF_MODE_TIMER[23:0], the device enters into the Music efficiency mode.
When the device is in Music efficiency mode, the MUSIC_EFF_STATUS bit is set as high and when the device
comes out of music efficiency mode, the status bit is set low.
When the signal level increases above the MUSIC_EFF_MODE_THR[23:0], the device automatically wakes up
the blocks in low IQ mode and continues playing out the audio input signals. The transition from Music efficiency
mode to normal operation occurs with minimal select and pop. While the device is in Music efficiency mode, the
audio channel performance is maintained and does not impact the output signal level or noise.
The MUSIC_EFF_MODE_THR[23:0] and MUSIC_EFF_MODE_TIMER[23:0] registers can be configured using
the PPC3 Software Section 6.4.1.
6.3.2 Faults and Status
During power-up sequencing, the power-on-reset circuit (POR) monitors the VDD and IOVDD pins and holds
device in reset (including all the configuration registers) until the supplies are valid. Any supply voltage dip on
VDD or IOVDD below the UVLO voltage thresholds resets the device immediately along with all the register
configurations.
During operation modes, the device monitors internal device status and fault conditions and can notify the
host of error and status conditions using the IRQZ interrupt pin and internal I2C based interrupt registers. The
interrupt generation in IRQZ pin can be masked by configuring the corresponding Interrupt mask register bit.
Table 6-11 lists the different faults and interrupts that the device monitors and the corresponding configuration
bits to enable/disable the interrupt generation and reading the I2C interrupt status
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com