Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 58 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 54Page - Texas Instruments TAS2020 Datasheet HTML 55Page - Texas Instruments TAS2020 Datasheet HTML 56Page - Texas Instruments TAS2020 Datasheet HTML 57Page - Texas Instruments TAS2020 Datasheet HTML 58Page - Texas Instruments TAS2020 Datasheet HTML 59Page - Texas Instruments TAS2020 Datasheet HTML 60Page - Texas Instruments TAS2020 Datasheet HTML 61Page - Texas Instruments TAS2020 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
Table 7-68. LIM_SLOPE Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_SLOPE[23:0]
R/W
100000h
Addresses 0x48 to 0x4A are combined. Can be configured using the
PPC3 Software.
7.4.9 LIM_ATK_RATE Register (Address = 4Ch) [Reset = 7C5E4Eh]
Return to the Summary Table.
Limiter Set Attack Rate
Table 7-69. LIM_ATK_RATE Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_ATK_RATE[23:0]
R/W
7C5E4Eh
Addresses 0x4C to 0x4E are combined. Can be configured using the
PPC3 Software.
7.4.10 LIM_RLS_RATE Register (Address = 50h) [Reset = 400179h]
Return to the Summary Table.
Limiter Set Release Rate
Table 7-70. LIM_RLS_RATE Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_RLS_RATE[23:0]
R/W
400179h
Addresses 0x50 to 0x52 are combined. Can be configured using the
PPC3 Software.
7.4.11 LIM_HLD_COUNT Register (Address = 54h) [Reset = 005DC0h]
Return to the Summary Table.
Limiter Set Hold Count
Table 7-71. LIM_HLD_COUNT Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
LIM_HLD_COUNT[23:0]
R/W
5DC0h
Addresses 0x5C to 0x5E are combined. Can be configured using the
PPC3 Software.
7.4.12 BOP_ATK_RATE Register (Address = 58h) [Reset = 78D67Ch]
Return to the Summary Table.
Brown Out Protection Set Attack Rate
Table 7-72. BOP_ATK_RATE Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
BOP_ATK_RATE[23:0]
R/W
78D67Ch
Addresses 0x58 to 0x5A are combined. Can be configured using the
PPC3 Software.
7.4.13 BOP_HLD_COUNT Register (Address = 5Ch) [Reset = 005DC0h]
Return to the Summary Table.
Brown Out Protection Set Hold Count
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
58
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com