Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 56 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 52Page - Texas Instruments TAS2020 Datasheet HTML 53Page - Texas Instruments TAS2020 Datasheet HTML 54Page - Texas Instruments TAS2020 Datasheet HTML 55Page - Texas Instruments TAS2020 Datasheet HTML 56Page - Texas Instruments TAS2020 Datasheet HTML 57Page - Texas Instruments TAS2020 Datasheet HTML 58Page - Texas Instruments TAS2020 Datasheet HTML 59Page - Texas Instruments TAS2020 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
7.4 PAGE 4 Registers
Table 7-60 lists the memory-mapped registers for the PAGE 4 registers. All register offset addresses not listed in
Table 7-60 should be considered as reserved locations and the register contents should not be modified.
Table 7-60. PAGE 4 Registers
Address
Acronym
Description
Section
0h
PAGE
Device Page
Section 7.4.1
18h
MUSIC_EFF_MODE_THR
Set Music Efficiency Mode Threshold
Section 7.4.2
1Ch
MUSIC_EFF_MODE_TIMER
Set Music Efficiency Mode Hysteresis
Section 7.4.3
38h
LIM_MAX_ATT
Limiter Set Maximum Attenuation
Section 7.4.4
3Ch
LIM_TH_MAX
Limiter Set maximum audio limiting threshold
Section 7.4.5
40h
LIM_TH_MIN
Limiter Set minimum audio limiting threshold
Section 7.4.6
44h
LIM_INF_PT
Limiter Set Inflection Point
Section 7.4.7
48h
LIM_SLOPE
Limiter Set Slope
Section 7.4.8
4Ch
LIM_ATK_RATE
Limiter Set Attack Rate
Section 7.4.9
50h
LIM_RLS_RATE
Limiter Set Release Rate
Section 7.4.10
54h
LIM_HLD_COUNT
Limiter Set Hold Count
Section 7.4.11
58h
BOP_ATK_RATE
Brown Out Protection Set Attack Rate
Section 7.4.12
5Ch
BOP_HLD_COUNT
Brown Out Protection Set Hold Count
Section 7.4.13
60h
BOP_THR_LVL
Brown Out Protection Set Threshold Level
Section 7.4.14
64h
BOSD_THR_LVL
Brown Out Protection ShutDown Set Threshold Level
Section 7.4.15
74h
DEV_PERF_TUNING_01
Device performance tuning register
Section 7.4.16
78h
DEV_PERF_TUNING_02
Device performance tuning register
Section 7.4.17
7.4.1 PAGE Register (Address = 0h) [Reset = 00h]
Return to the Summary Table.
The devices memory map is divided into pages and books. This register sets the page.
Table 7-61. PAGE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
R/W
0h
Sets the device page.
0h = Page 0
1h = Page 1
FFh = Page 255
7.4.2 MUSIC_EFF_MODE_THR Register (Address = 18h) [Reset = 0443F5h]
Return to the Summary Table.
Set Music Efficiency Mode Threshold
Table 7-62. MUSIC_EFF_MODE_THR Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
MUSIC_EFF_MODE_TH
R[23:0]
R/W
443F5h
Addresses 0x18 to 0x1A are combined. Can be configured using the
PPC3 Software.
7.4.3 MUSIC_EFF_MODE_TIMER Register (Address = 1Ch) [Reset = 000034h]
Return to the Summary Table.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
56
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com