Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 12Page - Texas Instruments TAS2020 Datasheet HTML 13Page - Texas Instruments TAS2020 Datasheet HTML 14Page - Texas Instruments TAS2020 Datasheet HTML 15Page - Texas Instruments TAS2020 Datasheet HTML 16Page - Texas Instruments TAS2020 Datasheet HTML 17Page - Texas Instruments TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments TAS2020 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 79 page
background image
Table 6-4. SEL2 HW Mode configuration (continued)
SEL2 Connection
Configuration
330Ω to IOVDD
I2S R or TDM1
Direct Short to IOVDD
I2S (L+R)/2 or TDM2
1.2kΩ to GND
Left-Justified L or TDM3
1.2kΩ to IOVDD
Left-Justified R or TDM4
5kΩ to GND
Left-Justified (L+R)/2 or TDM5
5kΩ to IOVDD
I2S L or TDM6
24kΩ to GND
I2S R or TDM7
24kΩ to IOVDD
Reserved
Table 6-5. SEL3 HW Mode configuration
SEL3 Connection
Configuration
Direct Short to GND
Data valid on rising edge
Direct Short to IOVDD
Data valid on falling edge
Table 6-6. SEL4 HW Mode configuration
SEL4 Connection
Configuration
Direct Short to GND
Y-bridge threshold of 80mW
Direct Short to IOVDD
Y-bridge threshold of 40mW
24kΩ to IOVDD
Y-bridge threshold of 1mW
6.3.1.3 Software Power Modes Control and Software Reset
When SEL1 pin is shorted to GND, TAS2020 is configured in I2C Mode and can be configured by modifying
configuration registers over I2C interface.
TAS2020 power state can be controlled using the register MODE[1:0]. Change in any of the MODE settings will
not cause the device to lose any of the existing device configuration register settings.
Table 6-7. Software Mode Control
MODE[1:0]
Configuration
00
Device in active mode of
operation
01
Reserved
10 (default)
Device in software shutdown
mode
11
Device in Clock based Active and
shutdown mode
Active state: When MODE[1:0] is configured as '00', the device enters an active mode of operation with proper
power-up sequencing to minimize the click and pop.
Software shutdown state: When MODE[1:0] is configured as '10', the device enters software shutdown mode.
This mode powers down all analog blocks required to playback audio but does not cause the device to lose
register state. If audio is playing when Software Shutdown is asserted, the Class-D will volume ramp down
before shutting down. When de-asserted, the Class-D will begin switching and volume ramp back to the
programmed digital volume setting.
Clock based Active and shutdown state: When MODE[1:0] is configured as '11' the device toggles between
Active and Shutdown state based on valid ASI clock signals applied on the ASI input pins, BCLK and FSYNC.
When clocks are applied, the device will automatically detect the clock signals and follow proper power-up
sequencing to avoid any power-up click and pop. When the audio channels are powered up and the ASI
clock is removed, the device will automatically start power-down sequencing and avoid any click and pop. It is
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com