Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 20 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 16Page - Texas Instruments TAS2020 Datasheet HTML 17Page - Texas Instruments TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments TAS2020 Datasheet HTML 20Page - Texas Instruments TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
Table 6-12. IRQZ pin configuration (continued)
IRQZ_PIN_CFG[1:0]
Configuration
11
Interrupt generated for 2 to 4ms
every 4ms on any unmasked
latched interrupt
Table 6-13. Retry wait timer
RETRY_WAIT_TIME
Configuration
0 (default)
Retry every 1.5sec
1
Retry every 100ms
6.4 Feature Description
6.4.1 PurePath™ Console 3 Software
The TAS2020's advanced features and device configuration can be performed using PurePath Console
3 (PPC3) software. The base PPC3 software can be downloaded and installed from TI website. Once
installed the TAS2020 application can be downloaded with-in base PPC3 software. The TAS2020 PPC3
application calculates necessary register coefficients that are described in the following sections so it is highly
recommended to use PPC3 in I2C Mode. The device configurations are optimized using register updates based
on the options selected in PPC3. This is the recommended method to configure the device for best performance.
Once TAS2020 PPC3 application calculates and updates the device, End System Integration tab in PPC3 can
be used to generate files for final system integration.
6.4.2 Playback Signal Path
6.4.2.1 Digital Volume Control and Amplifier Output Level
The gain from audio input to speaker terminals is controlled by setting the amplifier’s analog gain level (AAMP)
and digital volume control (ADVC). Equation 1 calculates the amplifiers output voltage. Amplifier analog gain
setting must be set before powering up the playback channel and must not be changed while the channel is
active. The digital volume control can be modified while the channel is active and also allows for soft volume
ramp up/down feature to allow for smooth transition of output voltage from one level to another.
AMP
dvc
AMP
V
Input
A
A
dBV
=
+
+
(1)
where
• VAMP is the amplifier output voltage in dBV
• Input is the digital input amplitude in dB with respect to 0dBFS
• ADVC is the digital volume control setting, 6dB to -110dB in 0.5dB steps
• AAMP is the amplifier output level setting, -0.071dBV to 12.471dBV in 0.5017dBV steps.
Amplifier output level settings are presented in dBV (dB relative to 1Vrms) with a full scale digital audio input
(0dBFS) and the digital volume control set to 0dB. Note that these levels are not be achievable because of
analog clipping in the amplifier, so the levels must be used to convey gain only.
When AMP_LVL is set to less than 9dBV settings, the playback channel is automatically configured to low noise
mode or receiver mode of operation.
When a change in digital volume control occurs, the device ramps the volume to the new setting based on the
DVC_SLEW_RATE register bits. If DVC_SLEW_RATE is set to 0x7FFFFF, volume ramp is disabled. This can be
used to speed up start up, shutdown and digital volume changes when volume ramp is handled by the system
host. When volume ramp is disabled, the input audio data stream must be held at digital silence during shutdown
and power up of the device to avoid any clicks and pops.
The device can be put in software based mute by setting DVC_LEVEL to 0x000000 setting.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com