Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 26 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments TAS2020 Datasheet HTML 27Page - Texas Instruments TAS2020 Datasheet HTML 28Page - Texas Instruments TAS2020 Datasheet HTML 29Page - Texas Instruments TAS2020 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
Table 6-21. Internal tone clock source selection
(continued)
INTERNAL_TONE_CLK_SEL
Configuration
1
Tone generator uses internal
oscillator
6.4.3 Digital Audio Serial Interface
The device provides a flexible Audio Serial Interface (ASI) port. The port can be configured to support a variety
of formats including stereo I2S, Left Justified, and TDM. Mono audio playback is available via the SDIN pin. The
SDOUT pin is used to transmit sample streams including PVDD voltage, die temperature, status and audio for
echo reference.
The TDM serial audio port supports up to 16 32-bit time slots at 44.1/48kHz, 8 32-bit time slots at a 88.2/96kHz
sample rate and 4 32-bit time slots at a 176.4/192kHz sample rate. The device supports 2 time slots at 32
bits in width and 4 or 8 time slots at 16, 24 or 32 bits in width. The device automatically detects the number
of time slots and this does not need to be programmed. PCM data sampling rate and SBCLK to FSYNC
ratio detected on the TDM bus is reported back on the read-only register bits FS_RATE_DETECTED[2:0] and
FS_RATIO_DETECTED[3:0] respectively.
Table 6-22. PCM Data Sample Rate Detected
FS_RATE_DETECTED[2:0]
(Read Only)
Setting
000
Reserved
001
14.7kHz / 16kHz
010
22.05kHz / 24kHz
011
29.4kHz / 32kHz
100 (default)
44.1kHz / 48 kHz
101
88.2kHz / 96kHz
110
176.4kHz / 192kHz
111
Error condition
A frame begins with the transition of FSYNC from either high to low or low to high (set by the FRAME_START
register bit). FSYNC and SDIN are sampled by SBCLK using either the rising or falling edge set by the
RX_EDGE register bit. The RX_OFFSET[4:0] register bits define the number of SBCLK cycles from the
transition of FSYNC until the beginning of time slot 0. This is typically set to a value of 0 for Left Justified
format and 1 for an I2S format.
The RX_SLEN[1:0] register bits set the length of the RX time slot to 16, 24 or 32 (default) bits. The length of
the audio sample word within the time slot is configured by the RX_WLEN[1:0] register bits. The RX port left
justifies the audio sample within the time slot by default, but this can be changed to right justification via the
RX_JUSTIFY register bit. The device supports mono and stereo down mix playback ([L+R]/2). By default the
device plays-back mono from the time slot equal to the I2C base address offset (set by the AD1 and AD2 pins)
for playback. The RX_SCFG[1:0] register bits can be used to override the playback source to the left time slot,
right time slot or stereo down mix set by the RX_SLOT_R[3:0] and RX_SLOT_L[3:0] register bits.
If time slot selection places reception either partially or fully beyond the frame boundary, the receiver returns a
null sample equivalent to a digitally muted sample.
The TDM port can transmit several sample streams on the SDOUT pin including speaker voltage sense, speaker
current sense, interrupts and status, PVDD voltage and die temperature.
Either the rising or falling edge of SBCLK can be used to transmit data on the SDOUT pin. This can be
configured by setting the TX_EDGE register bit. The TX_OFFSET[2:0] register bits define the number SBCLK
cycles between the start of a frame and the beginning of time slot 0. This is programmed to 0 for Left Justified
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
26
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com