Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 33Page - Texas Instruments TAS2020 Datasheet HTML 34Page - Texas Instruments TAS2020 Datasheet HTML 35Page - Texas Instruments TAS2020 Datasheet HTML 36Page - Texas Instruments TAS2020 Datasheet HTML 37Page - Texas Instruments TAS2020 Datasheet HTML 38Page - Texas Instruments TAS2020 Datasheet HTML 39Page - Texas Instruments TAS2020 Datasheet HTML 40Page - Texas Instruments TAS2020 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
Table 7-5. DEVICE_CFG_01 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1-0
SDZ_MODE[1:0]
R/W
1h
SDZ Mode configuration.
0h = Soft shutdown and device reset
1h = Immediate shutdown and device reset
2h = Soft shutdown only
3h = Reserved
7.1.5 DEVICE_CFG_02 Register (Address = 4h) [Reset = 8Ch]
Return to the Summary Table.
This register configures various device modes.
Table 7-6. DEVICE_CFG_02 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
I2C_GBL_EN
R/W
1h
I2C global address.
0h = Disabled
1h = Enabled
6
RESERVED
R
0h
Reserved
5-3
CLK_HALT_TIME[2:0]
R/W
1h
Pre-power-up valid clock checking time duration.
0h = Disabled (infinite time)
1h = 800 us
2h = 3.2ms
3h = 34.1ms
4h = 68.3ms
5h = 256ms
6h = 768ms
7h = 1.3s
2
CLK_BASED_PWR_UP
R/W
1h
Clock error detection enable/disable.
0h = Disable
1h = Enabled
1
RESERVED
R
0h
Reserved
0
RESERVED
R
0h
Reserved
7.1.6 DEVICE_CFG_03 Register (Address = 5h) [Reset = 00h]
Return to the Summary Table.
This register configures various device modes.
Table 7-7. DEVICE_CFG_03 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
RESERVED
R
0h
Reserved
5
RESERVED
R
0h
Reserved
4
OTE_RETRY
R/W
0h
Retry after over temperature event.
0h = Do not retry
1h = Retry after "RETRY_WAIT_TIME"
3
RESERVED
R
0h
Reserved
2
CLKE_RETRY
R/W
0h
Retry after Internal Clock Error event.
0h = Do not retry
1h = Retry after "RETRY_WAIT_TIME"
1
RESERVED
R
0h
Reserved
0
RESERVED
R
0h
Reserved
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com