Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 32Page - Texas Instruments TAS2020 Datasheet HTML 33Page - Texas Instruments TAS2020 Datasheet HTML 34Page - Texas Instruments TAS2020 Datasheet HTML 35Page - Texas Instruments TAS2020 Datasheet HTML 36Page - Texas Instruments TAS2020 Datasheet HTML 37Page - Texas Instruments TAS2020 Datasheet HTML 38Page - Texas Instruments TAS2020 Datasheet HTML 39Page - Texas Instruments TAS2020 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
7.1.1 Page Register (Address = 0h) [Reset = 00h]
Return to the Summary Table.
The device's memory map is divided into pages and books. This register sets the page.
Table 7-2. Page Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
R/W
0h
Sets the device page.
0h = Page 0
1h = Page 1
FFh = Page 255
7.1.2 SW_RESET Register (Address = 1h) [Reset = 00h]
Return to the Summary Table.
Asserting Software Reset will place all register values in their default POR (Power on Reset) state.
Table 7-3. SW_RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R
0h
Reserved
0
SW_RESET
R/W
0h
Software reset. Bit is self clearing.
0h = Don't reset
1h = Reset
7.1.3 PWR_CTL Register (Address = 2h) [Reset = 03h]
Return to the Summary Table.
Sets device's mode of operation and Power Configuration.
Table 7-4. PWR_CTL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R
0h
Reserved
1-0
MODE[1:0]
R/W
3h
Device operational mode.
0h = Active
1h = Reserved
2h = Software Shutdown
3h = Wake-up and Shutdown on ASI Clock
7.1.4 DEVICE_CFG_01 Register (Address = 3h) [Reset = 81h]
Return to the Summary Table.
This register configures various device modes.
Table 7-5. DEVICE_CFG_01 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
EFFICIENCY_MODE[1:0] R/W
2h
Device operational mode.
0h = Music Efficiency and Noise Gate mode disabled
1h = Noise Gate Mode Only
2h = Music Efficiency Only
3h = Music Efficiency and Noise Gate mode
5-2
RESERVED
R
0h
Reserved
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
36
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com