Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 38Page - Texas Instruments TAS2020 Datasheet HTML 39Page - Texas Instruments TAS2020 Datasheet HTML 40Page - Texas Instruments TAS2020 Datasheet HTML 41Page - Texas Instruments TAS2020 Datasheet HTML 42Page - Texas Instruments TAS2020 Datasheet HTML 43Page - Texas Instruments TAS2020 Datasheet HTML 44Page - Texas Instruments TAS2020 Datasheet HTML 45Page - Texas Instruments TAS2020 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 79 page
background image
This register configures brown out protection module.
Table 7-19. BOP_CFG_0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0h
Reserved
4
RESERVED
R
0h
Reserved
3
BOPSD_EN
R/W
0h
Brown out prevention shutdown enable.
0h = Disabled
1h = Enabled
2
BOP_HLD_CLR
R/W
0h
BOP infinite hold clear (self clearing). Available when BOP_INF_HLD
= 1
0h = Don't clear
1h = Clear
1
BOP_INF_HLD
R/W
0h
Infinite hold on brown out event.
0h = Use BOP_HLD_TM after brown out event
1h = Don't release until BOP_HLD_CLR is asserted high
0
BOP_EN
R/W
0h
Brown out prevention (BOP) enable.
0h = Disabled
1h = Enabled
7.1.19 IO_CFG_02 Register (Address = 1Ch) [Reset = 3Fh]
Return to the Summary Table.
This register configures the IO buffers.
Table 7-20. IO_CFG_02 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
IRQZ_POL
R/W
0h
IRQZ pin polarity for interrupt.
0h = Active Low
1h = Active High
6
RESERVED
R
0h
Reserved
5
RESERVED
R
0h
Reserved
4
IRQZ_PD
R/W
1h
Weak pull down for IRQZ.
0h = Disabled
1h = Enabled
3
RESERVED
R
0h
Reserved
2
RESERVED
R
0h
Reserved
1
SDZ_PD
R/W
1h
Weak pull down for SDZ.
0h = Disabled
1h = Enabled
0
SDA_PD
R/W
1h
Weak pull down for SDA.
0h = Disabled
1h = Enabled
7.1.20 IO_CFG_03 Register (Address = 1Dh) [Reset = F0h]
Return to the Summary Table.
This register configures the IO buffers.
Table 7-21. IO_CFG_03 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
ADR_PD
R/W
1h
Weak pull down for ADR.
0h = Disabled
1h = Enabled
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
42
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com