Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 50 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 46Page - Texas Instruments TAS2020 Datasheet HTML 47Page - Texas Instruments TAS2020 Datasheet HTML 48Page - Texas Instruments TAS2020 Datasheet HTML 49Page - Texas Instruments TAS2020 Datasheet HTML 50Page - Texas Instruments TAS2020 Datasheet HTML 51Page - Texas Instruments TAS2020 Datasheet HTML 52Page - Texas Instruments TAS2020 Datasheet HTML 53Page - Texas Instruments TAS2020 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
Table 7-38. INT_LATCH_4 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
1
RESERVED
R
0h
Reserved
0
RESERVED
R
0h
Reserved
7.1.38 NG_IDLE_STATUS Register (Address = 65h) [Reset = 00h]
Return to the Summary Table.
This register provides the status of noise gate.
Table 7-39. NG_IDLE_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
NG_STATUS
R
0h
Noise mode status bit
0h = Device not in Noise gate mode
1h = Device in Noise gate mode
6
MUSIC_EFF_STATUS
R
0h
Music efficiency mode status bit
0h = Device not in music efficiency mode
1h = Device in music efficiency mode
5-0
RESERVED
R
0h
Reserved
7.1.39 REV_ID Register (Address = 78h) [Reset = 00h]
Return to the Summary Table.
Returns Revision ID (REV_ID).
Table 7-40. REV_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
REV_ID[3:0]
R
0h
Returns the revision ID.
3-0
RESERVED
R
0h
Reserved
7.1.40 BOOK Register (Address = 7Fh) [Reset = 00h]
Return to the Summary Table.
Device's memory map is divided into pages and books. This register sets the book.
Table 7-41. BOOK Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BOOK[7:0]
R/W
0h
Sets the device book.
0h = Book 0
1h = Book 1
FFh = Book 255
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
50
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com