Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 22 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments TAS2020 Datasheet HTML 20Page - Texas Instruments TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
Table 6-17. Class-D output edge rate control
CLASSD_OUTPUT_EDGERATE
_CTRL[1:0]
Configuration
00
Class-D output edge rate of
0.5V/ns
01
Class-D output edge rate of
1.0V/ns
10
Reserved
11(default)
Class-D output edge rate of
2V/ns
The class-D amplifier has over current protection on each of the output power FETs, including the PVDD High
side and the ground power FETs.
The class-D amplifier output impedance can be controlled when the outputs stop switching during Noise gate
mode using CLASSD_HIZ_MODE control register.
Table 6-18. Class-D high-Z mode control
CLASSD_HIZ_MODE
Configuration
0 (default)
Output pulled down with 2.5kΩ
1
Output pulled down with >13kΩ
6.4.2.4 Supply Tracking Limiters with Brown Out Prevention
TAS2020 monitors class-D supply voltage along with the audio signal to automatically decrease gain when the
audio signal peaks exceed a programmable threshold. This helps prevent clipping and extends playback time
through end of charge battery conditions. The limiter and brown out module calculates the signal attenuation
required based on the condition of the signal level, channel gain and the selected supply voltage.
The Brown Out Prevention (BOP) module provides a priority input to provide a fast response to transient dips
in the battery supply. The BOP feature can be enabled by configuring the register bit BOP_EN high. When
the selected supply dips below the brown-out threshold configured by setting register BOP_THR_LVL[23:0],
the BOP begins reducing gain. The rate of gain reduction (db/sample) can be configured by setting the
BOP_ATK_RATE[23:0] registers. When the supply voltage rises above the brownout threshold, the BOP begins
to release the gain after the programmed hold timer, BOP_HLD_COUNT[23:0]. The BOP feature uses the
LIM_RLS_RATE[23:0] register setting to release after a brown out event. The release rate is rate of gain
increase in db/sample ratio. During a BOP event the limiter updates is paused. This is to prevent a limiter from
releasing during a BOP event.
The device can be configured to hold the gain attenuation once a BOP event is detected by setting the register
bit BOP_INF_HLD high. When the bit is programmed high, the Limiter and BOP module does not release the
gain attenuation and holds the device in the programmed min gain attenuation level until the infinite hold is
cleared by setting the register bit BOP_HLD_CLR high. The hold clearing bit is self clearing and automatically
resets to low state once the hold is cleared.
A hard brownout level can be set to shutdown the device if the BOP gain attenuation cannot mitigate the drop
in battery voltage. The brown out based shutdown of the device is enabled when BOPSD_EN bit is set high
and shuts down when the battery voltage falls below the voltage threshold set by BOSD_THR_LVL[23:0] register
bits.
A maximum level of attenuation applied by the limiters and brown out prevention feature is configurable via the
LIM_MAX_ATN register. This attenuation limit is shared between the features. For instance, if the maximum
attenuation is set to 6dB and the limiters have reduced gain by 4dB, the brown out prevention feature is only
able to reduce the gain further by another 2dB. If the limiter or brown out prevention feature is attacking and
reaches the maximum attenuation, gain is not reduced any further.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com