Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments TAS2020 Datasheet HTML 27Page - Texas Instruments TAS2020 Datasheet HTML 28Page - Texas Instruments TAS2020 Datasheet HTML 29Page - Texas Instruments TAS2020 Datasheet HTML 30Page - Texas Instruments TAS2020 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
format and 1 for I2S format. The TDM TX can either transmit logic 0 or Hi-Z depending on the setting of the
TX_FILL register bit. An optional bus keeper can weakly hold the state of SDOUT pin when all devices are
driving Hi-Z. Since only one bus keeper is required on SDOUT, this feature can be disabled via the TX_KEEPEN
register bit. The bus keeper can be configured to hold the bus for only 1LSB or Always (permanent) using
TX_KEEPLN register bit. Additionally, the keeper LSB can be driven for a full cycle or half of cycle using
TX_KEEPCY register bit.
The device also support monitoring and TDM transmit of PVDD. For PVDD slot, enable and length settings
PVDD_SLOT[5:0], PVDD_TX and PVDD_SLEN register bits can be use. Die temperature can also be
transmitted from the device in same manner. Enable and slot settings for Die temperature are done using
TEMP_TX and TEMP_SLOT [5:0] register bits.
Information about status of slots can be found in STATUS_SLOT[5:0] register bits. STATUS_TX register bit set
high enables the status transmit. Status slot length is always 8bits and the table below summarizes the status bit
information that is transmitted when status transmit is enabled. If time slot selections place transmission beyond
the frame boundary, the transmitter truncates transmission at the frame boundary.
6.4.3.1 Digital Loopback
The device supports loop back feature to loop SDIN data to SDOUT at two levels. When this feature is enabled
through TDM_LOOPBACK register bit, loop back is done at the IO Pin level without any ASI data decoding
within the device. Other option is to enable the loop back feature through TDM_DESER_LOOPBACK register
bit in which case SDIN data first goes through ASI protocol decoding within the device and then sent back via
SDOUT. These SDIN to SDOUT loop back options can be useful for board level debug of an audio system.
Device can also loop back echo reference digital audio data at the end of the internal signal processing
blocks like Limiter, BOP etc. through SDOUT signal. This allows audio system to perform noise and echo
cancellation algorithms in a host processor that is connected to the device. The echo reference can be enabled
by configuring AUDIO_TX register bit. The slot length and the time slot can be selected using AUDIO_SLEN and
AUDIO_SLOT[5:0] register bits.
6.4.4 Thermal Protection
TAS2020 has internal device junction temperature monitor which protects the device against over temperature.
When the internal temperature rises above the Over temperature threshold, the device automatically shuts down
and sets the Over temperature flag in the corresponding Interrupt registers. The device can automatically retry
to power up if OTE_RETRY bit is set high. When set high, the device attempts to re-power up after every
RETRY_WAIT_TIME setting (default 1.5 seconds of retry)
Along with over temperature protection, the device has thermal warning thresholds to allow for system
to raise interrupts or flags as the junction temperature is approaching the shutdown. There are four
thermal warning flags available at the internal temperature of 105C, 115C, 125C and 135C. Each thermal
warning flag can be independently set to control the Interrupt generation on the IRQZ pad. The minimum
temperature and the step size of the temperature warning flag can be programmed using the registers
THERMAL_WARN_MIN_TEMP[23:0] and THERMAL_WARN_TEMP_STEP[23:0]
The real time internal junction temperature is monitored are stored in the register TMP_CNV and can be read
using i2c commands.
6.4.5 Clocks and PLL
In TDM/I2S Mode, the device operates from SBCLK. Table 6-23 below shows the valid SBCLK frequencies for
each sample rate and SBCLK to FSYNC ratio. For 44.1kHz based clocking, the same table is applicable with the
associated ratio change between 48ksps to 44.1ksps.
While the sampling rate of 192kHz is supported, data is internally down-sampled to 96kHz. Therefore audio
content greater than 40kHz must not be applied to prevent aliasing. This additionally affects all processing
blocks like BOP and limiter which must use 96kHz fs when accepting 192kHz audio.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com