Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments TAS2020 Datasheet HTML 27Page - Texas Instruments TAS2020 Datasheet HTML 28Page - Texas Instruments TAS2020 Datasheet HTML 29Page - Texas Instruments TAS2020 Datasheet HTML 30Page - Texas Instruments TAS2020 Datasheet HTML 31Page - Texas Instruments TAS2020 Datasheet HTML 32Page - Texas Instruments TAS2020 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
Table 6-24. Clock Error detection control
CLK_ERR_PWR_EN
Setting
0
Disabled
1
Enabled (default)
Table 6-25. Clock Halt Timer
CLK_HALT_TIMER[2:0]
Setting
000
Disabled (infinite time).
001
0.8ms (default)
010
3.2ms
011
34.1ms
100
68.3ms
101
256ms
110
768ms
111
1.3s
Table 6-26. Clock error type description
Clock error type
Description
Status flag register
bit
IRQZ generation
Mask bit
Clock error
Clock error for any internal or external clocking
configuration errors. This bit is set along with specific clock
errors detected in the rest of the table below except for
Pre-Power-up Clock errors.
INT_LTCH2[3]
INT_MASK2[3]
Pre-Power-up Clock error
Clock error detected during shutdown mode after clock
error is detected at end of CLK_HALT_TIMER.
INT_LTCH4[2]
INT_MASK4[2]
Clock ratio change error
Clock error detected due to unprompted change in FSYNC
to SBCLK ratio.
INT_LTCH2[2]
INT_MASK2[2]
Fs change error
Clock error detected due to unprompted change in FSYNC
clock frequency
INT_LTCH2[1]
INT_MASK2[1]
Fs invalid error
Clock error detected due to incorrect FSYNC clock
frequency
INT_LTCH2[0]
INT_MASK2[0]
Frame out of sync
Clock error detected due to Frame out of sync
INT_LTCH2[5]
INT_MASK2[5]
Internal PLL Clock error
Clock error detected due to internally generated clock
frequency error.
INT_LTCH2[4]
INT_MASK2[4]
The device also has a digital watchdog timer which monitors for errors in the internal digital state machine and
shuts down the device on detection of such errors. This error can also raise an interrupt on IRQZ pin and flag to
the host device of the error state.
6.4.6 Digital IO pins
TAS2020 supports 1.8V and 3.3V IO voltage supply based on the voltage applied on the IOVDD pin.
I2S digital input pin has an optional weak pull down to prevent the pin from floating. Pull downs are not enabled
during HW shutdown. The pull downs are disabled by default and can be enabled by setting the corresponding
Pull down enable bit high.
Table 6-27. Digital pin weak pull down
Pin Name
Pull down control register
name
SDOUT
SDOUT_PD_EN
SDIN
SDIN_PD_EN
FSYNC
FSYNC_PD_EN
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com