Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments TAS2020 Datasheet HTML 24Page - Texas Instruments TAS2020 Datasheet HTML 25Page - Texas Instruments TAS2020 Datasheet HTML 26Page - Texas Instruments TAS2020 Datasheet HTML 27Page - Texas Instruments TAS2020 Datasheet HTML 28Page - Texas Instruments TAS2020 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
To achieve a limiter that tracks the selected supply below a threshold, configure the limiter as explained in the
previous example, except program the LIM_TH_MIN[23:0] register to the desired minimum threshold. This is
shown in Figure 6-6 below.
Figure 6-6. Limiter with Inflection Point and Minimum Threshold
The limiter has a configurable attack rate (dB/Sample), hold time ( no of samples) and release rate (db/Sample),
which are available via the LIM_ATK_RATE[23:0], LIM_HLD_COUNT[23:0], LIM_RLS_RATE[23:0] register bits.
6.4.2.5 Tone Generator
TAS2020 can generate internally a sine tone using an integrated tone generator. This feature can be enabled
by configuring the register bit INTERNAL_TONE_GEN_ENZ to low. The tone signal will start playing back on
the output by configuring the INTERNAL_TONE_PLAYBACK_EN bit high. When set high, the device will start
generating a sine tone based on the programmed TONE_GEN_CNTRL_xx registers. The tone generator can
generate any frequency from 16Hz to a maximum frequency of 0.45*Fs, where Fs is the sampling rate of the
input digital clocks. The amplitude of the tone signal can also be controlled using the TONE_GEN_CNTRL_xx
registers. It is recommended to program the tone frequency and amplitude using the PPC3 Software.
The internally generated tone can be mixed with incoming audio stream, or can replace the input audio stream
and only tone signal is generated using INTERNAL_TONE_MIXING_EN register.
Table 6-20. Internal tone generator mixing options
INTERNAL_TONE_MIXING_EN
Configuration
0
Only internal tone is generated.
1(default)
Internally generated tone is mixed
with input audio data and played
together.
The tone generator can use external clock source like BCLK, or it can be generated using internal oscillator to
generate tone signals even with no external clock sources using INTERNAL_TONE_CLK_SEL register.
Table 6-21. Internal tone clock source selection
INTERNAL_TONE_CLK_SEL
Configuration
0 (default)
Tone generator uses external
clocks
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com