Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 70 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 70 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 66Page - Texas Instruments TAS2020 Datasheet HTML 67Page - Texas Instruments TAS2020 Datasheet HTML 68Page - Texas Instruments TAS2020 Datasheet HTML 69Page - Texas Instruments TAS2020 Datasheet HTML 70Page - Texas Instruments TAS2020 Datasheet HTML 71Page - Texas Instruments TAS2020 Datasheet HTML 72Page - Texas Instruments TAS2020 Datasheet HTML 73Page - Texas Instruments TAS2020 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
Table 8-1. Recommended External Components
Component
Description
Specification
Min
Typ
Max
Unit
L2, L3
Optional EMI Filter Inductors
(must use C10, C11 if L2, L3 are
used)
DC Current
2
A
C1, C2
DREG, IOVDD decap
Capacitance, 20% tolerance
1
µF
Voltage rating
2
6.3
V
C3
VDD decap
Capacitance, 20% tolerance
2.2
µF
Voltage rating
2
6.3
V
C4
PVDD Low ESL decap
Capacitance, 20% tolerance
0.1
µF
Voltage rating
6.3
10
V
C6
PVDD Low ESL decap
Capacitance, 20% tolerance
0.1
µF
Voltage rating
6.3
10
V
C7
PVDD Power decap
Capacitance, 20% tolerance
2.2
µF
Voltage rating
6.3
10
V
C9
GREG decap
Capacitance, 20% tolerance
0.1
µF
Voltage rating
6.3
10
V
C10, C11
Optional EMI Filter capacitors
(must use L2, L3 if C10, C11 are
used)
Voltage rating
2xPVDD
V
8.2.1 Design Requirements
Table 8-1 lists the BOM components required for the application. Table 8-2 lists other requirements for the
application.
Table 8-2. Design Parameters
PARAMETER
CONDITION
SPECIFICATION
VDD supply current(1)
VDD Y-bridge disabled, 48ksps mode, all
blocks enabled
< 15mA
VDD Y-bridge disabled, 96ksps mode, all
blocks enabled
< 20mA
IOVDD supply current
1.8V mode
< 1mA
3.3V mode
< 1mA
LC filter cut-off frequency(2)
Optional EMI filter
Fc > 2.4MHz
LC filter inductor
Optional EMI filter
L_IND > 4*VBST/(pi*Fc)
(1)
When VDD Y-bridge is enabled, additional power taken from VDD supply based on the selected switchover threshold voltage and the
output load impedance.
(2)
In I2C mode, VDD Y-bridge feature can be disabled to use lower LC filter cut-off frequency.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
70
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com