Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 65 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 61Page - Texas Instruments TAS2020 Datasheet HTML 62Page - Texas Instruments TAS2020 Datasheet HTML 63Page - Texas Instruments TAS2020 Datasheet HTML 64Page - Texas Instruments TAS2020 Datasheet HTML 65Page - Texas Instruments TAS2020 Datasheet HTML 66Page - Texas Instruments TAS2020 Datasheet HTML 67Page - Texas Instruments TAS2020 Datasheet HTML 68Page - Texas Instruments TAS2020 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
7.8 PAGE 8 Registers
Table 7-92 lists the memory-mapped registers for the PAGE 8 registers. All register offset addresses not listed in
Table 7-92 should be considered as reserved locations and the register contents should not be modified.
Table 7-92. PAGE 8 Registers
Address
Acronym
Description
Section
0h
PAGE
Device Page
Section 7.8.1
8h
DEV_PERF_TUNING_08
Device performance tuning
Section 7.8.2
Ch
DEV_PERF_TUNING_09
Device performance tuning
Section 7.8.3
10h
DEV_PERF_TUNING_10
Device performance tuning
Section 7.8.4
14h
DEV_PERF_TUNING_06
Device performance tuning
Section 7.8.5
7.8.1 PAGE Register (Address = 0h) [Reset = 00h]
Return to the Summary Table.
The devices memory map is divided into pages and books. This register sets the page.
Table 7-93. PAGE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
R/W
0h
Sets the device page.
0h = Page 0
1h = Page 1
FFh = Page 255
7.8.2 DEV_PERF_TUNING_08 Register (Address = 8h) [Reset = 002D0Eh]
Return to the Summary Table.
Device performance tuning
Table 7-94. DEV_PERF_TUNING_08 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DEV_PERF_TUNING_08[
23:0]
R/W
2D0Eh
Addresses 0x8 to 0xA are combined. Can be configured using the
PPC3 Software.
7.8.3 DEV_PERF_TUNING_09 Register (Address = Ch) [Reset = F8CCCDh]
Return to the Summary Table.
Device performance tuning
Table 7-95. DEV_PERF_TUNING_09 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
DEV_PERF_TUNING_09[
23:0]
R/W
F8CCCDh
Addresses 0xC to 0xE are combined. Can be configured using the
PPC3 Software.
7.8.4 DEV_PERF_TUNING_10 Register (Address = 10h) [Reset = 009AC0h]
Return to the Summary Table.
Device performance tuning
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com