Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 72 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 68Page - Texas Instruments TAS2020 Datasheet HTML 69Page - Texas Instruments TAS2020 Datasheet HTML 70Page - Texas Instruments TAS2020 Datasheet HTML 71Page - Texas Instruments TAS2020 Datasheet HTML 72Page - Texas Instruments TAS2020 Datasheet HTML 73Page - Texas Instruments TAS2020 Datasheet HTML 74Page - Texas Instruments TAS2020 Datasheet HTML 75Page - Texas Instruments TAS2020 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 79 page
background image
8.3 What to Do and What Not to Do
• Additional 2mA to 3mA leakage current from VDD supply is expected when IRQZ pin is pulled high.
• IRQZ pin should be left floating or grounded on the board instead of connecting pull-up resistor to avoid
leakage current issue.
• I2C polling based interrupt mechanism can be implemented in host instead of HW pin based interrupt from
device.
• For HW pin based interrupt, recommend to change IRQZ polarity to active high instead of the default active
low state. This can be done by writing ‘1’ to IRQZ_POL register in IO_CFG_02 register in Page0 (Section
7.1).
8.4 Power Supply Recommendations
TAS2020 power up sequence of supply rails and ASI clocks can be applied in any order as long as SDZ pin is
held low. Once all supplies and ASI clocks are stable the SDZ pin can be pulled high to initialize the device.
For power down sequence recommedation is to mute the device first. Following that SDZ pin must be pulled low
before supply rails are ramped down in any order.
Once all the supplies are valid and SDZ pin is released to high, the digital core voltage regulator powers up,
and starts the internal initialization sequence. After a hardware or software reset, additional I2C commands to the
device should be delayed by at-least 300us to allow the device internal blocks to be initialized.
Supply voltage needs to be 2.2V or higher at all times including ripple conditions to avoid device UVLO.
8.5 Layout
8.5.1 Layout Guidelines
• Use wide traces for signals that carry high current and avoid VIAs wherever possible. If VIAs can't be
avoided, multiple VIAs should be added to enable low parasitic inductance and high current capability. These
include traces for PVDD, VDD, PGND, GND, OUT_P and OUT_N.
• PGND signal should be directly connected and shorted to the ground plane of board to minimize parasitic
inductance. Common inductance between ground pins (eg GND and PGND common routing) before
connecting to ground plane should be avoided.
• The coupling between high switching signal traces like OUT_P, OUT_N, SW, should be avoided from
sensitive low voltage signals.
• Minimize capacitance between high switching lines like OUT_P, OUT_N, SW, to ground/static nodes. Larger
capacitance will result in efficiency drop. Coupling between OUT_P and OUT_N will also cause degraded
efficiency.
• Decoupling capacitors should be placed close to the device. Smallest possible package size is recommended
for the decaps to achieve best performance from device. DREG, VDD, IOVDD, PVDD low ESL (C4 Cap, C6
cap) are recommended to be 0201 case size or lower. VIAs between decapacitors and device pins should be
avoided, or multiple VIAs added to minimize parasitic inductances.
• All decoupling capacitor's ground terminal should be strongly connected to the ground plane with multiple
ground VIAs. The ground routing loop between the cap ground and the device ground pins should be
minimized.
• For VDD Y-bridge functionality, the routing from the host PMIC to the device VDD should be wide supply
plane trace with minimal routing parasitic inductance.
• For the capacitor between GREG-PVDD (C9 cap), PVDD side of capacitor should not be connected directly
to the PVDD decoupling capacitors (C6, C7 and C8), and should be connected as close as possible to the
device PVDD pin.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
72
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com