Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 31Page - Texas Instruments TAS2020 Datasheet HTML 32Page - Texas Instruments TAS2020 Datasheet HTML 33Page - Texas Instruments TAS2020 Datasheet HTML 34Page - Texas Instruments TAS2020 Datasheet HTML 35Page - Texas Instruments TAS2020 Datasheet HTML 36Page - Texas Instruments TAS2020 Datasheet HTML 37Page - Texas Instruments TAS2020 Datasheet HTML 38Page - Texas Instruments TAS2020 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
7.1 PAGE 0 Registers
Table 7-1 lists the memory-mapped registers for the PAGE 0 registers. All register offset addresses not listed in
Table 7-1 should be considered as reserved locations and the register contents should not be modified.
Table 7-1. PAGE 0 Registers
Address
Acronym
Description
Section
0h
Page
Device Page
Section 7.1.1
1h
SW_RESET
Software Reset
Section 7.1.2
2h
PWR_CTL
Power Control
Section 7.1.3
3h
DEVICE_CFG_01
Device configuration registers
Section 7.1.4
4h
DEVICE_CFG_02
Device configuration registers
Section 7.1.5
5h
DEVICE_CFG_03
Device configuration registers
Section 7.1.6
6h
DEVICE_CFG_04
Device configuration registers
Section 7.1.7
7h
DEVICE_CFG_05
Device configuration registers
Section 7.1.8
8h
TDM_CFG1
TDM Configuration registers
Section 7.1.9
9h
TDM_CFG2
TDM Configuration registers
Section 7.1.10
Ah
TDM_CFG3
TDM Configuration registers
Section 7.1.11
Ch
TDM_CFG5
TDM Configuration registers
Section 7.1.12
10h
TDM_CFG9
TDM Configuration registers
Section 7.1.13
11h
TDM_CFG10
TDM Configuration registers
Section 7.1.14
12h
TDM_CFG11
TDM Configuration registers
Section 7.1.15
13h
TDM_CFG12
TDM Configuration registers
Section 7.1.16
14h
TDM_DET
TDM Clock detection monitor
Section 7.1.17
18h
BOP_CFG_0
Brown out protection configuration
Section 7.1.18
1Ch
IO_CFG_02
IO Configuration
Section 7.1.19
1Dh
IO_CFG_03
IO Configuration
Section 7.1.20
1Eh
NG_CFG0
Noise Gate Controls
Section 7.1.21
25h
INTERRUPT_CFG1
IRQZ clear
Section 7.1.22
28h
SAR_MONITOR_03
PVDD Monitor MSB
Section 7.1.23
29h
SAR_MONITOR_04
PVDD Monitor LSB
Section 7.1.24
2Ah
SAR_MONITOR_06
Temperature monitor
Section 7.1.25
31h
CLASSD_CFG_01
ClassD amp configurations
Section 7.1.26
3Ch
THERM_CFG
Thermal warning configuration
Section 7.1.27
5Bh
INT_MASK_0
Interrupt Masks
Section 7.1.28
5Ch
INT_MASK_1
Interrupt Masks
Section 7.1.29
5Dh
INT_MASK_2
Interrupt Masks
Section 7.1.30
5Eh
INT_MASK_3
Interrupt Masks
Section 7.1.31
5Fh
INT_MASK_4
Interrupt Masks
Section 7.1.32
60h
INT_LATCH_0
Latched interrupt readback
Section 7.1.33
61h
INT_LATCH_1
Latched interrupt readback
Section 7.1.34
62h
INT_LATCH_2
Latched interrupt readback
Section 7.1.35
63h
INT_LATCH_3
Latched interrupt readback
Section 7.1.36
64h
INT_LATCH_4
Latched interrupt readback
Section 7.1.37
65h
NG_IDLE_STATUS
Latched interrupt readback
Section 7.1.38
78h
REV_ID
Revision ID
Section 7.1.39
7Fh
BOOK
Device Book
Section 7.1.40
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com