Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 15Page - Texas Instruments TAS2020 Datasheet HTML 16Page - Texas Instruments TAS2020 Datasheet HTML 17Page - Texas Instruments TAS2020 Datasheet HTML 18Page - Texas Instruments TAS2020 Datasheet HTML 19Page - Texas Instruments TAS2020 Datasheet HTML 20Page - Texas Instruments TAS2020 Datasheet HTML 21Page - Texas Instruments TAS2020 Datasheet HTML 22Page - Texas Instruments TAS2020 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
Table 6-11. Faults and Interrupts
Category
Interrupt
Interrupt Mask register
bit
Default Mask status
Interrupt Latched status
bit
Limiter & Brown out
protection
Section 6.4.2.4
Brownout detected
INT_MASK0[3]
Not Masked
INT_LTCH0[3]
BOP Active
INT_MASK0[2]
Not Masked
INT_LTCH0[2]
BOP infinite hold
INT_MASK0[7]
Not Masked
INT_LTCH0[7]
Limiter Active
INT_MASK0[4]
Not Masked
INT_LTCH0[4]
Limiter attenuation
INT_MASK0[6]
Not Masked
INT_LTCH0[6]
Supply below inflection
point
INT_MASK0[5]
Not Masked
INT_LTCH0[5]
Supply Voltage Monitors
PVDD Over voltage
INT_MASK3[2]
Not Masked
INT_LTCH3[2]
PVDD Under voltage
INT_MASK1[7]
Not Masked
INT_LTCH1[7]
Thermal protection
Section 6.4.4
Thermal warning at 135C
INT_MASK1[4]
Masked
INT_LTCH1[4]
Thermal warning at 125C
INT_MASK1[3]
Masked
INT_LTCH1[3]
Thermal warning at 115C
INT_MASK1[2]
Masked
INT_LTCH1[2]
Thermal warning at 105C
INT_MASK1[1]
Masked
INT_LTCH1[1]
Over temperature error
INT_MASK3[7]
Not Masked
INT_LTCH3[7]
Clock protection
Watchdog expiry
INT_MASK2[7]
Not Masked
INT_LTCH2[7]
Frame out of sync
INT_MASK2[5]
Masked
INT_LTCH2[5]
PLL clock error
INT_MASK2[4]
Not Masked
INT_LTCH2[4]
TDM clock error
INT_MASK2[3]
Masked
INT_LTCH2[3]
Pre-Power-up Clock error
INT_MASK4[2]
Not Masked
INT_LTCH4[2]
Clock ratio change error
INT_MASK2[2]
Masked
INT_LTCH2[2]
Fs change error
INT_MASK2[1]
Masked
INT_LTCH2[1]
Fs invalid error
INT_MASK2[0]
Masked
INT_LTCH2[0]
Frame out of sync
INT_MASK2[5]
Masked
INT_LTCH2[5]
Internal PLL Clock error
INT_MASK2[4]
Not Masked
INT_LTCH2[4]
Digital watchdog
INT_MASK2[7]
Not Masked
INT_LTCH2[7]
Other Protections & Status
Class-D Over current error
INT_MASK3[3]
Not Masked
INT_LTCH3[3]
Device Active
INT_MASK0[1]
Masked
INT_LTCH0[1]
6.3.2.1 Interrupt generation and clearing
The IRQZ is an open drain output that asserts low during unmasked fault conditions and therefore must be
pulled up with a resistor to IOVDD. An internal pull up resistor (18kΩ) is provided in the device and can be
assessed by setting the IRQZ_PU register bit.
The interrupt generation on IRQZ pin can be configured using IRQZ_PIN_CFG[1:0] register. For the interrupts
that have auto retry feature, the retry timer can be configured using RETRY_WAIT_TIME register. The interrupt
pin polarity can be changed from the default case of Active Low to Active high by setting the IRQZ_POL register
bit high.
Any latched interrupt can be cleared by setting INT_CLR_LTCH bit high. This is self clearing bit and
automatically gets updated to low once the interrupt is cleared. Interrupts can also be cleared by hardware
shutdown by pulling the SDZ pin low, or by software reset using SW_RESET bit.
Table 6-12. IRQZ pin configuration
IRQZ_PIN_CFG[1:0]
Configuration
00
Reserved
01(default)
Interrupt generated on any
unmasked latched interrupt
10
Reserved
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com