Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 54 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 50Page - Texas Instruments TAS2020 Datasheet HTML 51Page - Texas Instruments TAS2020 Datasheet HTML 52Page - Texas Instruments TAS2020 Datasheet HTML 53Page - Texas Instruments TAS2020 Datasheet HTML 54Page - Texas Instruments TAS2020 Datasheet HTML 55Page - Texas Instruments TAS2020 Datasheet HTML 56Page - Texas Instruments TAS2020 Datasheet HTML 57Page - Texas Instruments TAS2020 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
7.3.4 AUDIO_HPF_N0 Register (Address = 18h) [Reset = 7FFBB6h]
Return to the Summary Table.
Set Audio DC Blocker filter coefficients
Table 7-51. AUDIO_HPF_N0 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
AUDIO_HPF_N0[23:0]
R/W
7FFBB6h
Addresses 0x18 to 0x1A are combined. Can be configured using the
PPC3 Software.
7.3.5 AUDIO_HPF_N1 Register (Address = 1Ch) [Reset = 80044Ah]
Return to the Summary Table.
Set Audio DC Blocker filter coefficients
Table 7-52. AUDIO_HPF_N1 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
AUDIO_HPF_N1[23:0]
R/W
80044Ah
Addresses 0x1C to 0x1E are combined. Can be configured using the
PPC3 Software.
7.3.6 AUDIO_HPF_D1 Register (Address = 20h) [Reset = 7FF76Ch]
Return to the Summary Table.
Set Audio DC Blocker filter coefficients
Table 7-53. AUDIO_HPF_D1 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
AUDIO_HPF_D1[23:0]
R/W
7FF76Ch
Addresses 0x20 to 0x22 are combined. Can be configured using the
PPC3 Software.
7.3.7 TONE_GEN_CNTRL_01 Register (Address = 54h) [Reset = 7FFFEDh]
Return to the Summary Table.
Tone generator Frequency Control register
Table 7-54. TONE_GEN_CNTRL_01 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_01[2
3:0]
R/W
7FFFEDh
Addresses 0x54 to 0x56 are combined. Can be configured using the
PPC3 Software.
7.3.8 TONE_GEN_CNTRL_02 Register (Address = 58h) [Reset = 4D0582h]
Return to the Summary Table.
Tone generator Frequency Control register
Table 7-55. TONE_GEN_CNTRL_02 Register Field Descriptions
Bit
Field
Type
Reset
Description
23-0
TONE_GEN_CNTRL_02[2
3:0]
R/W
4D0582h
Addresses 0x58 to 0x5A are combined. Can be configured using the
PPC3 Software.
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
www.ti.com
54
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com