Electronic Components Datasheet Search
  English  ▼

X  

TAS2020 Datasheet(PDF) 51 Page - Texas Instruments

Part # TAS2020
Description  TAS2020 3.2W Mono Digital Input Class-D Speaker Amp with 5.5V PVDD Support
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2020 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS2020 Datasheet HTML 47Page - Texas Instruments TAS2020 Datasheet HTML 48Page - Texas Instruments TAS2020 Datasheet HTML 49Page - Texas Instruments TAS2020 Datasheet HTML 50Page - Texas Instruments TAS2020 Datasheet HTML 51Page - Texas Instruments TAS2020 Datasheet HTML 52Page - Texas Instruments TAS2020 Datasheet HTML 53Page - Texas Instruments TAS2020 Datasheet HTML 54Page - Texas Instruments TAS2020 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
7.2 PAGE 1 Registers
Table 7-42 lists the memory-mapped registers for the PAGE 1 registers. All register offset addresses not listed in
Table 7-42 should be considered as reserved locations and the register contents should not be modified.
Table 7-42. PAGE 1 Registers
Address
Acronym
Description
Section
0h
PAGE
Device Page
Section 7.2.1
Eh
DEV_PERF_TUNING_07
Device performance tuning register
Section 7.2.2
2Bh
DEV_PERF_TUNING_04
Device performance Tuning register
Section 7.2.3
64h
I2C_CKSUM
I2C Checksum
Section 7.2.4
7.2.1 PAGE Register (Address = 0h) [Reset = 00h]
Return to the Summary Table.
The device's memory map is divided into pages and books. This register sets the page.
Table 7-43. PAGE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
PAGE[7:0]
R/W
0h
Sets the device page.
0h = Page 0
1h = Page 1
FFh = Page 255
7.2.2 DEV_PERF_TUNING_07 Register (Address = Eh) [Reset = 0Bh]
Return to the Summary Table.
Device performance tuning register
Table 7-44. DEV_PERF_TUNING_07 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
Reserved
5-4
RESERVED
R
0h
Reserved
3-0
DEV_PERF_TUNING_07[
3:0]
R/W
Bh
Device performance tuning register
0h = External PVDD mode tuning
Bh = Reserved
7.2.3 DEV_PERF_TUNING_04 Register (Address = 2Bh) [Reset = 80h]
Return to the Summary Table.
Device performance Tuning register
Table 7-45. DEV_PERF_TUNING_04 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
DEV_PERF_TUNING_04[
7:0]
R/W
80h
Device performance tuning. PPC3 software generates the correct
configuration required
7.2.4 I2C_CKSUM Register (Address = 64h) [Reset = 00h]
Return to the Summary Table.
Returns I2C checksum.
www.ti.com
TAS2020
SLASFD4A – AUGUST 2024 – REVISED JULY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TAS2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com