Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 183Page - Renesas Technology Corp SH7021 Datasheet HTML 184Page - Renesas Technology Corp SH7021 Datasheet HTML 185Page - Renesas Technology Corp SH7021 Datasheet HTML 186Page - Renesas Technology Corp SH7021 Datasheet HTML 187Page - Renesas Technology Corp SH7021 Datasheet HTML 188Page - Renesas Technology Corp SH7021 Datasheet HTML 189Page - Renesas Technology Corp SH7021 Datasheet HTML 190Page - Renesas Technology Corp SH7021 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 509 page
background image
170 RENESAS
 Two on-chip peripheral modules (excluding DMAC)
•
Transfer requests
 External request (From DREQ pins (channels 0 and 1 only). DREQ can be detected either
by edge or by level)
 Requests from on-chip peripheral modules (serial communications interface (SCI), and 16-
bit integrated-timer pulse unit (ITU))
 Auto-request (the transfer request is generated automatically within the DMAC)
•
Selectable bus modes: Cycle-steal mode or burst mode
•
Selectable channel priority levels: Fixed, round-robin, or external-pin round-robin modes
•
CPU can be asked for interrupt when data transfer ends
•
Maximum transfer rate
 20 M words/s (320 MB/s)
For 5V and 20 MHz
Bus mode: Burst mode
Transmit size: Word
9.1.2
Block Diagram
Figure 9.1 is a block diagram of the DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com