Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 187Page - Renesas Technology Corp SH7021 Datasheet HTML 188Page - Renesas Technology Corp SH7021 Datasheet HTML 189Page - Renesas Technology Corp SH7021 Datasheet HTML 190Page - Renesas Technology Corp SH7021 Datasheet HTML 191Page - Renesas Technology Corp SH7021 Datasheet HTML 192Page - Renesas Technology Corp SH7021 Datasheet HTML 193Page - Renesas Technology Corp SH7021 Datasheet HTML 194Page - Renesas Technology Corp SH7021 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 509 page
background image
174 RENESAS
9.2
Register Descriptions
9.2.1
DMA Source Address Registers 0–3 (SAR0–SAR3)
DMA source address registers 0–3 (SAR0–SAR3) are 32-bit read/write registers that specify the
source address of a DMA transfer. During a DMA transfer, these registers indicate the next source
address (in single-address mode, SAR is ignored in transfers from external devices with DACK to
memory-mapped external devices or external memory).
The initial value after resets or in standby mode is undefined.
Bit:
31
30
29
28
27
26
25
24
Bit name:
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
…
0
Bit name:
…
Initial value:
—
—
—
—
…
—
R/W:
R/W
R/W
R/W
R/W
…
R/W
9.2.2
DMA Destination Address Registers 0–3 (DAR0–DAR3)
DMA destination address registers 0–3 (DAR0–DAR3) are 32-bit read/write registers that specify
the destination address of a DMA transfer. During a DMA transfer, these registers indicate the
next destination address (in single-address mode, DAR is ignored in transfers from memory-
mapped external devices or external memory to external devices with DACK). The initial value
after resets or in standby mode is undefined.
Bit:
31
30
29
28
27
26
25
24
Bit name:
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
…
0
Bit name:
…
Initial value:
—
—
—
—
…
—
R/W:
R/W
R/W
R/W
R/W
…
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com