Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 190Page - Renesas Technology Corp SH7021 Datasheet HTML 191Page - Renesas Technology Corp SH7021 Datasheet HTML 192Page - Renesas Technology Corp SH7021 Datasheet HTML 193Page - Renesas Technology Corp SH7021 Datasheet HTML 194Page - Renesas Technology Corp SH7021 Datasheet HTML 195Page - Renesas Technology Corp SH7021 Datasheet HTML 196Page - Renesas Technology Corp SH7021 Datasheet HTML 197Page - Renesas Technology Corp SH7021 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 509 page
background image
RENESAS 177
Bit 11:
RS3
Bit 10:
RS2
Bit 9:
RS1
Bit 8:
RS0
Description
00
0
0
DREQ (External request*1, dual address mode) (initial value)
0
0
0
1
Reserved (illegal setting)
00
1
0
DREQ (External request*1, single address mode*2)
00
1
1
DREQ (External request*1, single address mode*3)
0
1
0
0
RXI0 (On-chip serial communication interface 0 receive data
full interrupt transfer request)*4
0
1
0
1
TXI0 (On-chip serial communication interface 0 transmit data
empty interrupt transfer request)*4
0
1
1
0
RXI1 (On-chip serial communication interface 1 receive data
full interrupt transfer request)*4
0
1
1
1
TXI1 (On-chip serial communication interface 1 transmit data
empty interrupt transfer request)*4
1
0
0
0
IMIA0 (On-chip ITU0 input capture/compare-match A
interrupt transfer request)*4
1
0
0
1
IMIA1 (On-chip ITU1 input capture/compare-match A
interrupt transfer request)*4
1
0
1
0
IMIA2 (On-chip ITU2 input capture/compare-match A
interrupt transfer request)*4
1
0
1
1
IMIA3 (On-chip ITU3 input capture/compare-match A
interrupt transfer request)*4
1
1
0
0
Auto-request (Transfer requests automatically generated
within DMAC)*4
1
1
0
1
Reserved (illegal setting)
1
1
1
0
Reserved (illegal setting)
1
1
1
1
Reserved (illegal setting)
SCI0, SCI1: Serial communications interface channels 0 and 1.
ITU0–ITU3: Channels 0–3 of the 16-bit integrated-timer pulse unit.
Notes: 1. These bits are valid only in channels 0 and 1. None of these request sources can be
selected in channels 2 and 3.
2. Transfer from memory-mapped external device or external memory to external device
with DACK.
3. Transfer from external device with DACK to memory-mapped external device or
external memory.
4. Dual address mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com