Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 192Page - Renesas Technology Corp SH7021 Datasheet HTML 193Page - Renesas Technology Corp SH7021 Datasheet HTML 194Page - Renesas Technology Corp SH7021 Datasheet HTML 195Page - Renesas Technology Corp SH7021 Datasheet HTML 196Page - Renesas Technology Corp SH7021 Datasheet HTML 197Page - Renesas Technology Corp SH7021 Datasheet HTML 198Page - Renesas Technology Corp SH7021 Datasheet HTML 199Page - Renesas Technology Corp SH7021 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 509 page
background image
RENESAS 179
•
Bit 3 (transfer size bit (TS)): TS selects the transfer unit size. If the on-chip peripheral module
that is the source or destination of the transfer can only be accessed in bytes, byte must be
selected in this bit. The TS bit is initialized to 0 by resets or in standby mode.
Bit 3: TS
Description
0
Byte (8 bits) (initial value)
1
Word (16 bits)
•
Bit 2 (interrupt enable bit (IE)): IE determines whether or not to request a CPU interrupt at the
end of a DMA transfer. When the IE bit is set to 1, an interrupt (DEI) is requested from the
CPU when the TE bit is set. The IE bit is initialized to 0 by resets or in standby mode.
Bit 2: IE
Description
0
Interrupt request disabled (initial value)
1
Interrupt requeste enabled
•
Bit 1 (transfer end flag bit (TE)): TE indicates that the transfer has ended. When a DMA
transfer ends normally and the value in the DMA transfer count register (TCR) becomes 0, the
TE bit is set to 1. This flag is not set if the transfer ends because of an NMI interrupt or address
error, or because the DE bit or the DME bit of the DMA operation register (DMAOR) was
cleared. To clear the TE bit, read 1 from it and then write 0.
When this flag is set, setting the DE bit to 1 does not enable a DMA transfer. The TE bit is
initialized to 0 by resets or in standby mode.
Bit 1: TE
Description
0
DMA has not ended or was aborted (initial value)
To clear TE, the CPU must read TE after it has been set to 1, then
write a 0 in this bit
1
DMA has ended normally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com