Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 188Page - Renesas Technology Corp SH7021 Datasheet HTML 189Page - Renesas Technology Corp SH7021 Datasheet HTML 190Page - Renesas Technology Corp SH7021 Datasheet HTML 191Page - Renesas Technology Corp SH7021 Datasheet HTML 192Page - Renesas Technology Corp SH7021 Datasheet HTML 193Page - Renesas Technology Corp SH7021 Datasheet HTML 194Page - Renesas Technology Corp SH7021 Datasheet HTML 195Page - Renesas Technology Corp SH7021 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 509 page
background image
RENESAS 175
9.2.3
DMA Transfer Count Registers 0–3 (TCR0–TCR3)
DMA transfer count registers 0-3 (TCR0–TCR3) are 16-bit read/write registers that specify the
DMA transfer count (bytes or words). The number of transfers is 1 when the setting is H'0001,
65535 when the setting is H'FFFF and 65536 (the maximum) when H'0000 is set. During a DMA
transfer, these registers indicate the remaining transfer count. The initial value after resets or in
standby mode is undefined.
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
—
—
—
—
—
—
—
—
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
9.2.4
DMA Channel Control Registers 0–3 (CHCR0–CHCR3)
DMA channel control registers 0–3 (CHCR0–CHCR3) are 16-bit read/write registers that control
the DMA transfer mode. They also indicate DMA transfer status. They are initialized to H'0000 by
a reset or standby mode.
Bit:
15
14
13
12
11
10
9
8
Bit name:
DM1
DM0
SM1
SM0
RS3
RS2
RS1
RS0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
AM
AL
DS
TM
TS
IE
TE
DE
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*2
R/(W)*2
R/(W)*2
R/W
R/W
R/W
R/(W)*
R/W
Notes: 1. Write only 0 to clear the flag.
2. Writing is effective only for CHCR0 and CHCR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com