Electronic Components Datasheet Search
  English  ▼

X  

SH7021 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7021
Description  SuperH??RISC engine
PDF  509 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7021 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7021 Datasheet HTML 191Page - Renesas Technology Corp SH7021 Datasheet HTML 192Page - Renesas Technology Corp SH7021 Datasheet HTML 193Page - Renesas Technology Corp SH7021 Datasheet HTML 194Page - Renesas Technology Corp SH7021 Datasheet HTML 195Page - Renesas Technology Corp SH7021 Datasheet HTML 196Page - Renesas Technology Corp SH7021 Datasheet HTML 197Page - Renesas Technology Corp SH7021 Datasheet HTML 198Page - Renesas Technology Corp SH7021 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 509 page
background image
178 RENESAS
•
Bit 7 (acknowledge mode bit (AM)): In the dual address mode, AM selects whether the DACK
signal is output during the data read cycle or write cycle. This bit is valid only in channels 0
and 1. The AM bit is initialized to 0 by resets or in standby mode. The AM bit is not valid in
single address mode.
Bit 7: AM
Description
0
DACK is output in read cycle (initial value)
1
DACK is output in write cycle
•
Bit 6 (acknowledge Level Bit (AL)): AL selects active high signal or active low signal for the
DACK signal. This bit is valid only in channels 0 and 1. The AL bit is initialized to 0 by resets
or in standby mode.
Bit 6: AL
Description
0
DACK is active high (initial value)
1
DACK is active low
•
Bit 5 (
DREQ select bit (DS)): DS selects the DREQ input detection method used. This bit is
valid only in channels 0 and 1. The DS bit is initialized to 0 by resets or in standby mode.
Bit 5: DS
Description
0
DREQ detected by low level (initial value)
1
DREQ detected by falling edge
•
Bit 4 (transfer bus mode bit (TM)): TM selects the bus mode for DMA transfers. The TM bit is
initialized to 0 by resets or in standby mode. When the source of the transfer request is an on-
chip peripheral module, see table 9.4, Selecting On-Chip Peripheral Module Request Modes
with the RS Bit.
Bit 4: TM
Description
0
Cycle-steal mode (initial value)
1
Burst mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com