Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 33Page - Renesas Technology Corp 7480 Datasheet HTML 34Page - Renesas Technology Corp 7480 Datasheet HTML 35Page - Renesas Technology Corp 7480 Datasheet HTML 36Page - Renesas Technology Corp 7480 Datasheet HTML 37Page - Renesas Technology Corp 7480 Datasheet HTML 38Page - Renesas Technology Corp 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp 7480 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-20
HARDWARE
1.8 Access Area
For the 7480 Group and 7481 Group, all ROM, RAM and I/O and various control registers are located in
the same access area. Therefore, data transfer, arithmetic and logical operations can be accomplished by
the same instructions without identifying between memory and I/O interface.
The program counter consists of 16 bits and can access the 64K-byte area of addresses ‘000016’ through
‘FFFF16’.
The area of the least significant 256 bytes (addresses ‘000016’ through ‘00FF16’) is called the ‘zero page’.
Frequently accessed memory such as an internal RAM, I/O ports, timers, etc are located in this area.
Furthermore, the area of the most significant 256 bytes (addresses ‘FF0016’ through ‘FFFF16’) is called the
‘special page’. An internal ROM and interrupt vectors are located in this area.
Both the zero page and the special page can be accessed with two bytes, using the specific mode for each
page.
Figure 1.8.1 shows the outline of the access area.
1.8 Access Area
Figure 1.8.1 Access Area
Interrupt vector area
ROM
RAM
RAM
SFR area
000016
00C016
00FF16
FFFF16
FF0016
Zero page
Special page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com