Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 65Page - Renesas Technology Corp 7480 Datasheet HTML 66Page - Renesas Technology Corp 7480 Datasheet HTML 67Page - Renesas Technology Corp 7480 Datasheet HTML 68Page - Renesas Technology Corp 7480 Datasheet HTML 69Page - Renesas Technology Corp 7480 Datasheet HTML 70Page - Renesas Technology Corp 7480 Datasheet HTML 71Page - Renesas Technology Corp 7480 Datasheet HTML 72Page - Renesas Technology Corp 7480 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-52
HARDWARE
1.11 Interrupts
Return from Stop/Wait Mode
When an interrupt request is accepted in the stop/wait mode, the CPU terminates these modes and
returns to the normal mode.
Table 1.11.2 lists the interrupt sources available for CPU’s return from the stop/wait mode.
Table 1.11.2 Interrupt Sources Available for CPU’s Return from Stop/Wait Mode (O:Available,
×:Not available)
Return from Stop Mode
O
O
O
O
O
O
O (Note 2)
O (Note 2)
×
×
O (Note 3)
O (Note 3)
O (Note 3)
×
×
Return from Wait Mode
O
O
O
O
O
O
O
O
O
O
O
O
O
O
×
Interrupt Source
Reset (Note 1)
INT0
INT1
Key-on Wakeup
CNTR0
CNTR1
Timer X
Timer Y
Timer 1
Timer 2
Serial I/O Receive
Serial I/O Transmit
Bus Arbitration
A-D Conversion Complete
BRK Instruction
Notes 1: Reset is included in the above table, as well, because it performs the same operation as interrupts.
2: Available in the event count mode only.
3: Available only when the external clock input (or the clock divided by 16) is used as the synchronous
clock.
For details, refer to Section 1.19 Power Saving Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com