| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 96 Page - Renesas Technology Corp |
|
96 / 337 page ![]() 1-79 1.12 Timer X and Timer Y HARDWARE 7480 Group and 7481 Group User's Manual (2) Setting of Pulse Width Measurement Mode Figure 1.12.17 shows the setting of the pulse width measurement mode. Timer X count stop (when timer X is used) Timer Y count stop (when timer Y is used) Procedure 1 Stop of timer count Timer XY control register (TXYCON) [Address 00F816] b7 b0 11 Pulse width measurement mode Procedure 3 Setting timer mode register Timer X mode register (TXM) [Address 00F616] b7 b0 • when timer X is used Timer X count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 1 Pulse width measurement mode Timer Y mode register (TYM) [Address 00F716] b7 b0 • when timer Y is used Timer Y count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 1 1 0 1 0 b2 b3 : ‘Not implemented’. Note: In the 7480 Group, these bits are not implemented. Port P40 input mode (when timer X is used) Port P41 input mode (when timer Y is used) Port P4 direction register (P4D) [Address 00C916] b7 b0 Procedure 2 Setting CNTR pin input 1. Setting port pin which has the alternative function of CNTR pin to input mode CNTR0 edge polarity selection (when timer X is used) CNTR1 edge polarity selection (when timer Y is used) 0: CNTR pin input from rising to falling (HIGH-level period) is counted 1: CNTR pin input from falling to rising (LOW-level period) is counted Edge polarity selection register (EG) [Address 00D416] b7 b0 2. Setting edge polarity selection register 0 (Note) 0 Timer XY control register (TXYCON) [Address 00F816] b7 b0 00 Timer X count start (when timer X is used) Timer Y count start (when timer Y is used) Procedure 4 Start of timer count Figure 1.12.17 Setting of Pulse Width Measurement Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |