Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 73Page - Renesas Technology Corp 7480 Datasheet HTML 74Page - Renesas Technology Corp 7480 Datasheet HTML 75Page - Renesas Technology Corp 7480 Datasheet HTML 76Page - Renesas Technology Corp 7480 Datasheet HTML 77Page - Renesas Technology Corp 7480 Datasheet HTML 78Page - Renesas Technology Corp 7480 Datasheet HTML 79Page - Renesas Technology Corp 7480 Datasheet HTML 80Page - Renesas Technology Corp 7480 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 337 page
background image
1-60
1.12 Timer X and Timer Y
HARDWARE
7480 Group and 7481 Group User's Manual
(1) Timer X and Timer Y
These are the 16-bit registers that count the count sources.
• When the timer X or Y write control bit of the timer X or Y mode register is;
‘0’: data is written to the timer and the timer latch (Note), and
‘1’: data is written to the timer latch only.
• In the pulse width measurement mode or the pulse period measurement mode, a read from the
timer receives the contents of the timer latch.
In the other modes, it receives the contents of the timer.
Note: The timer latches are the registers that hold the initial values automatically reloaded to the
timers when they underflow, and they hold the measured values of pulse periods or widths.
The timer latches cannot directly be read.
Figures 1.12.3 and 1.12.4 show the timer X and timer Y.
Figure 1.12.3 Timer X
Timer X (Timer X latch)
b5
b6
b7
b4 b3 b2 b1 b0
b
Function
At reset
1
2
3
4
5
6
7
0
1
Timer X (high-order) (TXH) [Address 00F116]
b5
b6
b7
b4 b3 b2 b1 b0
Timer X (low-order) (TXL) [Address 00F016]
The low-order count value of
timer X is indicated.
b
Function
At reset
1
2
3
4
5
6
7
0
The high-order count value of
timer X is indicated.
Notes 1: Do not write to these bits in pulse period measurement mode or pulse width measurement mode.
2: When b3 of timer X mode register is ‘0’, writing to latch and timer is simultaneously
performed. When b3 is ‘1’, writing to only latch is performed.
3: When reading/writing from/to timer X, read/write from/to both high-order and low-order
bytes. At reading, read the high-order byte and the low-order byte in this order.
At writing, write the low-order byte and the high-order byte in this order.
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
RW
O
O
O
O
O
O
O
O
RW
O
O
O
O
O
O
O
O
Note 1
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com