| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 99 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 99 Page - Renesas Technology Corp |
|
99 / 337 page ![]() 7480 Group and 7481 Group User's Manual 1-82 1.12 Timer X and Timer Y HARDWARE (2) Setting of Programmable Waveform Generation Mode Figures 1.12.19 and 1.12.20 show the setting of the programmable waveform generation mode. Figure 1.12.19 Setting of Programmable Waveform Generation Mode (1) Timer X count stop (when timer X is used) Timer Y count stop (when timer Y is used) Procedure 1 Stop of timer count Timer XY control register (TXYCON) [Address 00F816] b7 b0 11 Programmable waveform generation mode (Note 3) Timer X write control 0: Writing to latch and timer simultaneously 1: Writing to only latch Procedure 3 Setting timer mode register Timer X mode register (TXM) [Address 00F616] b7 b0 • when timer X is used Timer X count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 0 0 1 b2 b3 : ‘Not implemented’. Notes 1: Pay attention to the output level of CNTR pin. 2: In the 7480 Group, these bits are not implemented. Port P40 output mode (when timer X is used) Port P41 output mode (when timer Y is used) Port P4 direction register (P4D) [Address 00C916] b7 b0 Procedure 2 Setting INT pin input and CNTR pin output 1. Setting port pin which has the alternative function of the CNTR pin to output mode (Note 1) INT0 edge polarity selection (when timer X is used) Edge polarity selection register (EG) [Address 00D416] b7 b0 2. Setting INT edge selection bit when timer is activated by the trigger of INT pin input 1 (Note 2) 1 Notes 3: The CNTR pin output is initialized to LOW when the operation mode bits set to other modes are set to the programmable waveform generation mode. INT1 edge polarity selection (when timer Y is used) 0: Timer is activated by detecting the falling edge of INT pin input 1: Timer is activated by detecting the rising edge of INT pin input Output level latch Timer X trigger selection 0: Timer X free run 1: Trigger occurrence (input signal of INT0 pin) and timer X start |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |