Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 75Page - Renesas Technology Corp 7480 Datasheet HTML 76Page - Renesas Technology Corp 7480 Datasheet HTML 77Page - Renesas Technology Corp 7480 Datasheet HTML 78Page - Renesas Technology Corp 7480 Datasheet HTML 79Page - Renesas Technology Corp 7480 Datasheet HTML 80Page - Renesas Technology Corp 7480 Datasheet HTML 81Page - Renesas Technology Corp 7480 Datasheet HTML 82Page - Renesas Technology Corp 7480 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 337 page
background image
1-62
1.12 Timer X and Timer Y
HARDWARE
7480 Group and 7481 Group User's Manual
(2)
Timer X Mode Register, Timer Y Mode Register, and Timer XY Control Register
These registers consist of the bits controlling the operations of timer X and timer Y.
Figures 1.12.5, 1.12.6, and 1.12.7 show the timer X mode register, timer Y mode register, and timer
XY control register respectively.
Figure 1.12.5 Timer X Mode Register
Timer X mode register
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
0
0
0
0
0
0
Timer X mode register (TXM) [Address 00F616]
Timer X operating mode bits
b2 b1 b0
Timer X write control bit
Output level latch
Timer X trigger selection bit
0 : Writing to both latch and timer
1 : Writing to latch only
Timer X count source
selection bits
0 : Timer X free run in programmable
waveform generation mode
1 : Trigger occurrence (input signal of INT0
pin) and timer X start in programmable
waveform generation mode
b7 b6
0 0 : f(XIN)/2
0 1 : f(XIN)/8
1 0 : f(XIN)/16
1 1 : Input from CNTR0 pin
0 : LOW output from CNTR0 pin
1 : HIGH output from CNTR0 pin
0 0 0 : Timer • event count mode
0 0 1 : Pulse output mode
0 1 0 : Pulse period measurement mode
0 1 1 : Pulse width measurement mode
1 0 0 : Programmable waveform
generation mode
1 0 1 : Programmable one-shot output
mode
1 1 0 : PWM mode
1 1 1 : Not available
RW
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com