Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 78Page - Renesas Technology Corp 7480 Datasheet HTML 79Page - Renesas Technology Corp 7480 Datasheet HTML 80Page - Renesas Technology Corp 7480 Datasheet HTML 81Page - Renesas Technology Corp 7480 Datasheet HTML 82Page - Renesas Technology Corp 7480 Datasheet HTML 83Page - Renesas Technology Corp 7480 Datasheet HTML 84Page - Renesas Technology Corp 7480 Datasheet HTML 85Page - Renesas Technology Corp 7480 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 337 page
background image
1-65
1.12 Timer X and Timer Y
HARDWARE
7480 Group and 7481 Group User's Manual
Count Operation
The count operation (start/stop) of timer X or timer Y is controlled by the timer X or Y stop control bit of
the timer XY control register as follows:
• When the timer X or Y stop control bit is set to ‘0’, the timer starts counting.
• When the timer X or Y stop control bit is set to ‘1’, the timer stops counting.
In the count operation, the contents of each timer are decremented by 1 at every rising edge of the count
source.
The timer X or Y stop control bit is recognized during the HIGH time of the count source. When the count
has stopped, the count source cannot be accepted.
In the PWM mode, the high- and the low-order bytes of timer X or Y counts down each as an 8-bit timer.
Reloading Timers
When a timer reaches ‘000016’ in the count operation, an underflow occurs at the subsequent rising edge
of the count source, and the contents of the timer latch are reloaded to the timer.
In the pulse period measurement mode or the pulse width measurement mode, when a timer reaches
‘000016’, an underflow occurs and a timer wraps around to ‘FFFF16’ at the subsequent rising edge of the
count source.
In the PWM mode, the high- and the low-order byte of a timer count down each as an 8-bit timer. When
either the high- or the low-order byte of the timer becomes ‘0116’, an underflow occurs at the subsequent
rising edge of the count source, and the contents of the timer latch are reloaded to the timer.
Timer Interrupt
At an underflow, the timer X or Y interrupt request bit of interrupt request register 1 is set to ‘1’; then a
timer interrupt request is generated.
Table 1.12.1 lists the relation between timer count periods and values set to timer X and timer Y.
Table 1.12.1 Relation between Timer Count Periods and Values Set to Timer X and Timer Y
Clock Input
Oscillation Frequency
Count Source
(Cycle Time)
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN)/2
(0.25
µs)
f(XIN)/8
(1
µs)
f(XIN)/16
(2
µs)
f(XIN)/2
(0.5
µs)
f(XIN)/8
(2
µs)
f(XIN)/16
(4
µs)
High-
order
0116
0316
0916
1316
6116
C316
Low-
order
F316
E716
C316
8716
A716
4F16
Low-
order
E716
CF16
8716
0F16
4F16
High-
order
0316
0716
1316
2716
C316
Low-
order
9F16
3F16
1F16
3F16
High-
order
0F16
1F16
4E16
9C16
High-
order
0716
0F16
2716
4E16
Low-
order
CF16
9F16
0F16
1F16
High-
order
0116
0316
0916
1316
6116
C316
Low-
order
F316
E716
C316
8716
A716
4F16
High-
order
0016
0116
0416
0916
3016
6116
Low-
order
F916
F316
E116
C316
D316
A716
–
–
–
–
–
1 ms
2 ms
5 ms
10 ms
50 ms
100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com