Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 19Page - Renesas Technology Corp 7480 Datasheet HTML 20Page - Renesas Technology Corp 7480 Datasheet HTML 21Page - Renesas Technology Corp 7480 Datasheet HTML 22Page - Renesas Technology Corp 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-6
HARDWARE
1.3 Performance Overviews
Tables 1.3.1 and 1.3.2 list the performance overviews of the 7480 Group and 7481 Group, respectively.
Table 1.3.1 Performance Overview of 7480 Group
Performance
71 (69 basic instructions of 740 Family and 2 Multiply and
Divide instructions)
0.5
µs (the minimum instructions at f(XIN) = 8 MHz)
8 MHz (Max.)
4096 bytes
8192 bytes
16384 bytes
128 bytes
256 bytes
448 bytes
8 bits
8 bits
2 bits
4 bits
4 bits
5 V
–5 mA to 10 mA (P0, P1: CMOS 3-State Buffer)
10 mA (P4: N-Channel open-drain)
8 bits
× 1
16-bit timer
× 2
8-bit timer
× 2
64 levels (Max.)
96 levels (Max.)
192 levels (Max.)
5 external, 8 internal, and 1 software interrupt sources
4-channel analog inputs
(alternative function of Port 2 pins)
Built-in circuit with a feedback resistor; a ceramic resonator external
Built-in circuit
2.7 V to 4.5 V (f(XIN) = (2.2 VCC–2) MHz)
4.5 V to 5.5 V (f(XIN) = 8 MHz)
35 mW (typical value at f(XIN) = 8 MHz)
–20
°C to 85 °C (–40 °C to 85 °C for Extended Operating
Temperature Range Version)
CMOS Silicon Gate
32-Pin Shrink Plastic DIP
32-Pin Plastic SOP
1.3 Performance Overviews
Items
Number of Basic Instructions
Instruction Execution Time
Clock Input Oscillation Frequency
Memory
Size
Input/
Output
Ports
Input/Output
Characteristics
Serial I/O
Timers
Subroutine Nesting
Interrupt Sources
A-D Converter
(Successive Comparison Conversion)
Clock Generator
Watchdog Timer
Power Supply
Power Dissipation
Operating Temperature Range
Device Structure
Package
M37480M2
M37480M4
M37480M8/E8
M37480M2
M37480M4
M37480M8/E8
P0
P1
P4
P2
P3
Input/Output Voltage
Output Current
M37480M2
M37480M4
M37480M8/E8
M37480Mx/E8-XXXSP
M37480MxT/E8T-XXXSP
M37480Mx/E8-XXXFP
M37480MxT/E8T-XXXFP
ROM
RAM
I/O
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com