| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 87 Page - Renesas Technology Corp |
|
87 / 337 page ![]() 1-70 1.12 Timer X and Timer Y HARDWARE 7480 Group and 7481 Group User's Manual 1.12.5 Pulse Output Mode (1) Operations in Pulse Output Mode Operations in the pulse output mode are explained with Figure 1.12.11. Count Sources In the pulse output mode, timer X or timer Y can select the following count sources with the timer X or Y count source selection bits: • f(XIN)/2 • f(XIN)/8 • f(XIN)/16 Writes to and Reads from Timers When ‘TL (000016 through FFFF16)’ is written to a timer, the following different operations are performed depending on the state of the timer X or Y write control bit: • In the ‘0’ state of the timer X or Y write control bit, the ‘TL’ is set in both the timer latch and the timer ( in Figure 1.12.11). • In the ‘1’ state of the timer X or Y write control bit, the ‘TL’ is set in the timer latch only. Also, the contents of the timer can be read by a read operation. Count Operation • When the timer X or Y stop control bit is cleared to ‘0’, the timer starts counting ( in Figure 1.12.11). • When the timer X or Y stop control bit is set to ‘1’, the timer stops counting ( in Figure 1.12.11). In the count operation, the contents of each timer are decremented by 1 at every rising edge of the count source ( in Figure 1.12.11). Reloading Timers When a timer reaches ‘000016’ in the count operation, an underflow occurs at the subsequent rising edge of the count source, and the contents of the timer latch are reloaded to the timer ( in Figure 1.12.11). Timer Interrupt At an underflow, the timer X or Y interrupt request bit is set to ‘1’; then a timer interrupt request is generated ( in Figure 1.12.11). Pulse Output At every underflows, polarity-inverted pulses are output from the following pins ( in Figure 1.12.11): • CNTR0 pin (Timer X used) • CNTR1 pin (Timer Y used) When the timer X or Y write control bit is ‘0’, the CNTR pin output is initialized to the following levels by a write to the timer: • HIGH when the CNTR edge selection bit is ‘0’ ( in Figure 1.12.11). • LOW when the CNTR edge selection bit is ‘1’. Notes 1: When the timer X or Y write control bit is ‘1’, the CNTR pin output level cannot be initialized by a write to the timer. 2: In the pulse output mode, the output level of a CNTR pin is inverted when the CNTR edge selection bit is switched ( in Figure 1.12.11). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |