Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 61Page - Renesas Technology Corp 7480 Datasheet HTML 62Page - Renesas Technology Corp 7480 Datasheet HTML 63Page - Renesas Technology Corp 7480 Datasheet HTML 64Page - Renesas Technology Corp 7480 Datasheet HTML 65Page - Renesas Technology Corp 7480 Datasheet HTML 66Page - Renesas Technology Corp 7480 Datasheet HTML 67Page - Renesas Technology Corp 7480 Datasheet HTML 68Page - Renesas Technology Corp 7480 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-48
HARDWARE
1.11 Interrupts
(3) CNTR0 and CNTR1 Interrupts
When a rising edge or a falling edge of the input signal to the CNTR0 or the CNTR1 pin is detected,
an interrupt request is generated. The edge polarity to be detected can be selected by the CNTR0
edge selection bit or the CNTR1 edge selection bit of the edge polarity selection register.
• State after system is released from reset
After system is released from reset, the port pins with the alternative functions of CNTR pins are
placed in the input mode, and their edge selection bits are held all ‘0’ also. In such conditions,
though an interrupt request is generated by detecting a falling edge of the CNTR0 or CNTR1 pin,
the interrupt request cannot be accepted because the corresponding interrupt enable bit is ‘0’ and
the interrupt disable flag is ‘1’.
Note: The CNTR0 and CNTR1 pins have the alternative functions of I/O port pins P40 and P41,
respectively. When these pins are used as input port pins, valid edges can still be detected
because the 7480 Group and 7481 Group does not have the function to switch the CNTR pins
to input port pins. Therefore, when these pins are used as input port pins, clear all the
corresponding interrupt enable bits to ‘0’ (disabled).
(4) Timer X, Timer Y, Timer 1, and Timer 2 Interrupts
At an underflow in each timer, the corresponding interrupt request is generated.
For timer X and timer Y, refer to Section 1.12 Timer X and Timer Y, and for timer 1 and timer 2,
refer to Section 1.13 Timer 1 and Timer 2.
(5) Serial I/O Receive Interrupt, Serial I/O Transmit Interrupt, and Bus Arbitration Interrupt
• Serial I/O receive interrupt
During serial I/O reception, a serial I/O receive interrupt request is generated when the received
data stored completely in the receive shift register is transferred to the receive buffer register.
• Serial I/O transmit interrupt
During serial I/O transmission, a serial I/O transmit interrupt request is generated when the transmit
buffer register is emptied or the transmit shift operation is complete.
• Bus arbitration interrupt
In the bus collision detection enable state during the serial I/O communication, the mismatch of
levels between transmitter pin TxD and receiver pin RxD generates a bus arbitration interrupt
request.
The bus collision detection can be enabled by setting the bus collision detection enable bit of the
bus collision detection control register.
For serial I/O, refer to Section 1.14 Serial I/O.
(6)
A-D Conversion Complete Interrupt
When A-D conversion is completed, an A-D conversion complete interrupt request is generated.
For A-D conversion, refer to Section 1.15 A-D Converter.
(7)
BRK Instruction Interrupt
The BRK instruction interrupt is a non-maskable software interrupt. Program branches to the jump
address stored in the vector address when the BRK instruction is executed.
For the BRK instruction, refer to the section of the BRK instruction in SERIES 740 <SOFTWARE>
USER’S MANUAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com