Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 58Page - Renesas Technology Corp 7480 Datasheet HTML 59Page - Renesas Technology Corp 7480 Datasheet HTML 60Page - Renesas Technology Corp 7480 Datasheet HTML 61Page - Renesas Technology Corp 7480 Datasheet HTML 62Page - Renesas Technology Corp 7480 Datasheet HTML 63Page - Renesas Technology Corp 7480 Datasheet HTML 64Page - Renesas Technology Corp 7480 Datasheet HTML 65Page - Renesas Technology Corp 7480 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-45
HARDWARE
1.11 Interrupts
(2)
Interrupt Request Register 1 and Interrupt Request Register 2
Interrupt request registers 1 and 2 consist of the bits that indicate whether or not there is an interrupt
request.
Figures 1.11.4 and 1.11.5 show the interrupt request registers 1 and 2.
Figure 1.11.5 Interrupt Request Register 2
Figure 1.11.4 Interrupt Request Register 1
Interrupt request register 1
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
00
0
0
0
0
0
0
0
Interrupt request register 1 (IREQ1) [Address 00FC16]
Timer X interrupt request bit
Timer Y interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Serial I/O receive
interrupt request bit
Serial I/O transmit
interrupt request bit
Bus arbitration interrupt
request bit
A-D conversion completion
interrupt request bit
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
∗: The bit can be set to ‘0’ by software, but cannot be set to ‘1’.
RW
O
O
O
O
O
O
O
O
∗
∗
∗
∗
∗
∗
∗
∗
Interrupt request register 2
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
0
0
Undefined
Interrupt request register 2 (IREQ2) [Address 00FD16]
INT0 interrupt request bit
INT1 interrupt request bit
CNTR0 interrupt request bit
CNTR1 interrupt request bit
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
0 : No interrupt request
1 : Interrupt request
∗: The bit can be set to ‘0’ by software, but cannot be set to ‘1’.
Not implemented.
Writing to these bits is disabled.
These bits are undefined at reading.
Undefined
Undefined
Undefined
RW
O
O
O
O
∗
∗
∗
×
∗
×
×
×
Undefined
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com