Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 16Page - Renesas Technology Corp 7480 Datasheet HTML 17Page - Renesas Technology Corp 7480 Datasheet HTML 18Page - Renesas Technology Corp 7480 Datasheet HTML 19Page - Renesas Technology Corp 7480 Datasheet HTML 20Page - Renesas Technology Corp 7480 Datasheet HTML 21Page - Renesas Technology Corp 7480 Datasheet HTML 22Page - Renesas Technology Corp 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-3
HARDWARE
1.2 Group Expansion
The 7480 Group and 7481 Group are included in the 7470 series microcomputers, based on the M37470M2-
XXXSP.
The 7470 series is classified as follows:
7470 series
7470 Group
7471 Group
7477 Group
7478 Group
7480 Group
7481 Group
Figure 1.2.1 shows the ROM/RAM expansion plan for the 7480 Group and 7481 Group.
Since these products are different only in the type and size of built-in memory, and the number of ports,
the most suitable product for user’s system can be easily selected.
The following products are supported in the 7480 Group and 7481 Group in addition to the mask ROM
version.
(1)
One Time PROM Version
This is a programmable microcomputer with built-in programmable ROM (PROM) that can be written
to only one time.
For details, refer to Section 1.20 Built-in PROM Version.
(2)
Built-in EPROM Version (with Window)
This is a programmable microcomputer with a transparent window on top of its package. Built-in
EPROM can be written and erased.
For details, refer to Section 1.20 Built-in PROM Version.
Table 1.2.1 lists the products currently supported in the 7480 Group and 7481 Group.
1.2 Group Expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com