Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 96Page - Renesas Technology Corp 7480 Datasheet HTML 97Page - Renesas Technology Corp 7480 Datasheet HTML 98Page - Renesas Technology Corp 7480 Datasheet HTML 99Page - Renesas Technology Corp 7480 Datasheet HTML 100Page - Renesas Technology Corp 7480 Datasheet HTML 101Page - Renesas Technology Corp 7480 Datasheet HTML 102Page - Renesas Technology Corp 7480 Datasheet HTML 103Page - Renesas Technology Corp 7480 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-83
1.12 Timer X and Timer Y
HARDWARE
Figure 1.12.20 Setting of Programmable Waveform Generation Mode (2)
Notes 5: When bit 5 of timer mode register is ‘1’,
timer count does not start at this time.
Trigger (input signal of INT pin) occurs,
at the same time, timer count starts.
Notes 6: Keep the trigger width input to INT pin 250 ns
or more.
Timer X count value is set
Procedure 4 Setting timer (Note 4)
Timer X low-order (TXL) [Address 00F016]
• when timer X is used
Timer X high-order (TXH) [Address 00F116]
Timer Y count value is set
Timer Y low-order (TYL) [Address 00F216]
• when timer Y is used
Timer Y high-order (TYH) [Address 00F316]
Notes 4: When writing to timer, set the low-order byte
and high-order byte in this order.
Timer XY control register (TXYCON) [Address 00F816]
b7
b0
00
Timer X count start (when timer X is used)
Timer Y count start (when timer Y is used)
Procedure 5 Start of timer count (Note 5)
Programmable waveform generation mode (Note 3)
Timer Y write control
0: Writing to latch and timer simultaneously
1: Writing to only latch
Timer Y mode register (TYM) [Address 00F716]
b7
b0
• when timer Y is used
Timer Y count source selection
00: f(XIN)/2
01: f(XIN)/8
10: f(XIN)/16
11: Not available
0
0
1
Output level latch
Timer Y trigger selection
0: Timer Y free run
1: Trigger occurrence (input signal of INT1 pin) and timer Y start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com