Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 98Page - Renesas Technology Corp 7480 Datasheet HTML 99Page - Renesas Technology Corp 7480 Datasheet HTML 100Page - Renesas Technology Corp 7480 Datasheet HTML 101Page - Renesas Technology Corp 7480 Datasheet HTML 102Page - Renesas Technology Corp 7480 Datasheet HTML 103Page - Renesas Technology Corp 7480 Datasheet HTML 104Page - Renesas Technology Corp 7480 Datasheet HTML 105Page - Renesas Technology Corp 7480 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-85
1.12 Timer X and Timer Y
HARDWARE
When the timer X or Y operation mode bits of the timer X or Y mode register are set to the
programmable one-shot output mode, the CNTR pin outputs are initialized to the content of the CNTR
edge selection bit (“ in Figure 1.12.21).
The CNTR pin output remains at the inverted level of the content of the CNTR edge selection bit for
the period from the rising edge∗1 of the count source immediately after the valid edge of an INT pin
input is detected until the subsequent an underflow (” in Figure 1.12.21).
Notes 1: Keep the trigger widths input to the INT pins 250 ns or more.
2: In the programmable one-shot output mode, the output level of a CNTR pin is inverted
when the CNTR edge selection bit is switched (• in Figure 1.12.21).
∗1: One cycle or less of the rising edge of the count source, after the valid edge of an INT pin input
is detected.
Figure 1.12.21 Operation Example in Programmable One-Shot Output Mode
RL
Count source
000016
TL
Timer X stop control bit
INT0 pin input
(Note 2)
‘0’ is
written
Time
Count start
Timer X interrupt request bit
INT0
interrupt request bit
CNTR0 pin output
H
Writing to timer X
(Note 1)
RL
RL
UF
RL
RL
Initialized to the contents of CNTR0 edge selection bit
when setting timer X operation mode bits
UF
Notes 1: In this case, timer X write control bit is ‘0’ (writing to timer and timer latch simultaneously).
2: In this case, INT0 edge selection bit is ‘1’ (rising edge is valid).
TL
RL
UF
H
: Setting value to timer X
: Contents of timer latch is reloaded
: Underflow
: Pulse width
A
: Clearing by writing ‘0’ to interrupt request bit or accepting interrupt request
H(s) =
1
Count source frequency × (Setting value to timer X + 1)
A
A
A
1
2
3
5
4
6
7
8
9
UF
RL
A
A
A
CNTR0
edge selection bit
‘0’ is
written
10
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com