| Electronic Components Datasheet Search |
|
7480 Datasheet(PDF) 93 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7480 Datasheet(HTML) 93 Page - Renesas Technology Corp |
|
93 / 337 page ![]() 1-76 1.12 Timer X and Timer Y HARDWARE 7480 Group and 7481 Group User's Manual (2) Setting of Pulse Period Measurement Mode Figure 1.12.15 shows the setting of the pulse period measurement mode. Figure 1.12.15 Setting of Pulse Period Measurement Mode Timer X count stop (when timer X is used) Timer Y count stop (when timer Y is used) Procedure 1 Stop of timer count Timer XY control register (TXYCON) [Address 00F816] b7 b0 11 Pulse period measurement mode Procedure 3 Setting timer mode register Timer X mode register (TXM) [Address 00F616] b7 b0 • when timer X is used Timer X count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 0 Pulse period measurement mode Timer Y mode register (TYM) [Address 00F716] b7 b0 • when timer Y is used Timer Y count source selection 00: f(XIN)/2 01: f(XIN)/8 10: f(XIN)/16 11: Not available 0 1 0 1 0 b2 b3 : ‘Not implemented’. Note: In the 7480 Group, these bits are not implemented. Port P40 input mode (when timer X is used) Port P41 input mode (when timer Y is used) Port P4 direction register (P4D) [Address 00C916] b7 b0 Procedure 2 Setting CNTR pin input 1. Setting port pin which has the alternative function of CNTR pin to input mode CNTR0 edge polarity selection (when timer X is used) CNTR1 edge polarity selection (when timer Y is used) 0: CNTR pin input from falling to falling is counted 1: CNTR pin input from rising to rising is counted Edge polarity selection register (EG) [Address 00D416] b7 b0 2. Setting edge polarity selection register 0 (Note) 0 Timer XY control register (TXYCON) [Address 00F816] b7 b0 00 Timer X count start (when timer X is used) Timer Y count start (when timer Y is used) Procedure 4 Start of timer count |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |