Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 80Page - Renesas Technology Corp 7480 Datasheet HTML 81Page - Renesas Technology Corp 7480 Datasheet HTML 82Page - Renesas Technology Corp 7480 Datasheet HTML 83Page - Renesas Technology Corp 7480 Datasheet HTML 84Page - Renesas Technology Corp 7480 Datasheet HTML 85Page - Renesas Technology Corp 7480 Datasheet HTML 86Page - Renesas Technology Corp 7480 Datasheet HTML 87Page - Renesas Technology Corp 7480 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 337 page
background image
1-67
1.12 Timer X and Timer Y
HARDWARE
7480 Group and 7481 Group User's Manual
Figure 1.12.8 Operation Example in Timer Mode and Event Count Mode
RL
RL
RL
Count source
(Note 2)
000016
TL
Timer X stop
control bit
Timer X interrupt
request bit
‘0’ is
written
‘0’ is
written
‘1’ is
written
Writing to timer
X (Note 1)
Time
Count start
Count stop
T
Count start
1
5
2
A
A
A
3
6
UF
UF
UF
4
Notes 1: In this case, timer X write control bit is ‘0’ (writing to timer and timer latch simultaneously).
2: In event count mode,
• when CNTR edge selection bit is ‘0’, CNTR pin input is used as the count source.
• when CNTR edge selection bit is ‘1’, the inverted CNTR pin input is used as the count source.
TL
RL
UF
T
: Setting value to timer X
: Contents of timer latch is reloaded
: Underflow
: Count period
A
: Clearing by writing ‘0’ to interrupt request bit or accepting interrupt request
T(s) =
1
Count source frequency × (Setting value to timer X
+
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com