Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 28Page - Renesas Technology Corp 7480 Datasheet HTML 29Page - Renesas Technology Corp 7480 Datasheet HTML 30Page - Renesas Technology Corp 7480 Datasheet HTML 31Page - Renesas Technology Corp 7480 Datasheet HTML 32Page - Renesas Technology Corp 7480 Datasheet HTML 33Page - Renesas Technology Corp 7480 Datasheet HTML 34Page - Renesas Technology Corp 7480 Datasheet HTML 35Page - Renesas Technology Corp 7480 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-15
HARDWARE
1.7 Central Processing Unit (CPU)
The 7480 Group and 7481 Group have the CPU common to the 740 family.
For the description of the instructions, refer to the following:
• Section 3.6 Machine Instructions
• 740 FAMILY CPU CORE BASIC FUNCTIONS: ADDRESSING MODE in data book SINGLE CHIP 8-BIT
MICROCOMPUTERS
• SERIES 740 <SOFTWARE> USER’S MANUAL
The instructions which characterize the group are as follows:
1. FST and SLW instructions are excluded.
2. MUL and DIV instructions are available.
3. WIT instruction is available (Note).
4. STP instruction is available (Note).
Note: For the above instructions, refer to Section 1.19 Power Saving Function.
The CPU has the six registers (CPU internal registers).
Figure 1.7.1 shows the CPU internal registers.
1.7 Central Processing Unit (CPU)
Figure 1.7.1 CPU Internal Registers
Accumulator
Index register X
Index register Y
Stack pointer
Program counter
Processor status register (PS)
Carry flag
Zero flag
Interrupt disable flag
Decimal mode flag
Break flag
Index X mode flag
Overflow flag
Negative flag
A
X
Y
S
PCH
PCL
NC
Z
I
D
B
T
V
0
7
0
7
0
7
0
7
0
7
0
7
8
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com