Electronic Components Datasheet Search
  English  ▼

X  

7480 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 7480
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp 7480 Datasheet HTML 28Page - Renesas Technology Corp 7480 Datasheet HTML 29Page - Renesas Technology Corp 7480 Datasheet HTML 30Page - Renesas Technology Corp 7480 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-10
HARDWARE
1.5 Pin Descriptions
Tables 1.5.1 and 1.5.2 list the pin descriptions.
For pin functions in the EPROM mode of the built-in PROM version, refer to Section 1.20.2 Pin Descriptions.
Table 1.5.1 Pin Descriptions (1)
1.5 Pin Descriptions
Function
• Apply the following voltage to the VCC pin:
2.7 V to 4.5 V (at f(XIN) = (2.2 VCC–2) MHz), or
4.5 V to 5.5 V (at f(XIN) = 8 MHz).
• Apply 0 V to the VSS pin.
• Ground level input pin for the A-D converter
• Apply the same voltage as for the VSS pin to the AVSS
pin.
Note: This pin is dedicated to the 44P6N-A package products
in the 7481 Group.
• Reference voltage input pin for A-D converter
• Apply the following voltage to the VREF pin:
2 V to VCC V when VCC = 2.7 V to 4.0 V, or
0.5 VCC (
≥ 2) to VCC V when VCC = 4.0 V to 5.5 V.
Note: When not using A-D converter, connect VREF pin to
VCC.
• Reset input pin
• System Reset: Holding the LOW level for 2
µs or more
forces CPU into reset state.
• I/O pins for clock generator
• A ceramic resonator is connected between pins XIN and
XOUT.
• When an external clock is used, it is input to XIN pin, and
leave XOUT pin open.
• A feedback resistor is built in between pins XIN and XOUT.
Pin
VCC, VSS
AVSS
VREF
RESET
XIN
XOUT
Name
Power source
Analog power source
Reference voltage input
Reset input
Clock input
Clock output
Input/
Output
Input
Input
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com